Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 25 of 28
HIGH FREQUENCY PERFORMANCE
The ADL5902 is specified to 6 GHz; however, operation is
possible to as high as 9 GHz with sufficient dynamic range for
many purposes. Figure 52 shows the typical VOUT response and
conformance error at 7 GHz, 8 GHz, and 9 GHz.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–50
–40
–30
–20
–10
0
10
7GHz
8GHz
9GHz
PIN (dBm)
Figure 52. Typical VOUT and Log Conformance Error at 7 GHz, 8 GHz,
and 9 GHz, 25°C Only
LOW FREQUENCY PERFORMANCE
The lowest frequency of operation of the ADL5902 is approxi-
mately 50 MHz. This is the result of the circuit design and
architecture of the ADL5902.
DESCRIPTION OF CHARACTERIZATION
The general hardware configuration used for most of the ADL5902
characterization is shown in Figure 53. The ADL5902 was driven in
a single-ended configuration for most characterization, except
where noted.
Much of the data was taken using an Agilent E4438C signal source
as a RF input stimulus. Several ADL5902 devices mounted on
circuit boards constructed of Rodgers 3006 material are put into
a test chamber simultaneously, and a Keithley S46 RF switching
network connected the signal source to the appropriate device
under test. The test chamber temperature was set to cycle over
the appropriate temperature range. The signal source, switching,
and chamber temperature are all controlled by a PC running
Agilent VEE Pro.
The subsequent response to stimulus was measured with a
voltmeter and the results stored in a database for analysis later.
In this way, multiple ADL5902 devices are characterized over
amplitude, frequency, and temperature in a minimum amount
of time. The RF stimulus amplitude was calibrated up to the
circuit board that carries the ADL5902, and, thus, it does not
account for the slight losses due to the connector on the circuit
board that carries the ADL5902 nor for the loss of traces on the
circuit board. For this reason, there is a small absolute amplitude
error (generally <0.5 dB) not accounted for in the characterization
data, but this is generally not important because the ADL5902
relative accuracy is unaffected.
ADL5902
CHARACTERIZ ATION
BOARD – TEST SITE 1
ADL5902
CHARACTERIZ ATION
BOARD – TEST SITE 2
KEITHLEY S46
MICROWAVE
SWITCH
AGILENT E8251A
MICROWAVE
SIGNAL
GENERATOR
AGILENT 34980A
SWITCH MATRIX/
DC METER
AGILENT E3631A
DC POWER
SUPPLIES
PERSONAL
COMPUTER
ADL5902
CHARACTERIZ ATION
BOARD – TEST SITE 3
RF
DC
DATA AND CONTROL
Figure 53. General Characterization Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com