Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 18 of 28
Compensating the device for temperature drift using TADJ allows
for great flexibility. If the user requires minimum temperature
drift at a given input power, a subset of the dynamic range, or
even over a different temperature range than shown in this data
sheet, the VTADJ can be swept while monitoring VOUT over the
temperature at the frequency and amplitude of interest. The
optimal VTADJ to achieve minimum temperature drift at a given
power and frequency is the value of VTADJ where the output has
minimum movement.
2.73
2.75
2.77
2.79
2.81
2.83
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
+125°C
+105°C
+85°C
+55°C
+25°C
–20°C
–40°C
0°C
VTADJ (V)
Figure 40. Effect of VTADJ at Various Temperatures, 2.14 GHz, −10 dBm
Varying VTADJ has only a very slight effect on VOUT at device
temperatures near 25°C; however, the compensation circuit
has more and more effect as the temperature departs farther
from 25°C.
The TADJ pin has a high input impedance and can be conven-
iently driven from an external source or from an attenuated value
of VREF using a resistor divider. Table 4 gives suggested voltage
divider values to generate the required voltage from VREF. The
resistors are shown in the evaluation board schematic (see
Figure 54). VREF does change slightly with temperature and also
input RF amplitude; however, the amount of change is unlikely
to result in a significant effect on the final temperature stability
of the RF measurement system. Typically, the temperature comp-
ensation circuit responds only to voltages between 0 and VS/2,
or about 2.5 V when VS = 5 V.
Figure 41 in the Power-Down Interface section shows a simpli-
fied schematic representation of the TADJ/PWDN interface.
POWER-DOWN INTERFACE
The quiescent and disabled currents for the ADL5902 at 25°C
are approximately 73 mA and 300 μA, respectively. The dual
function TADJ/PWDN pin is connected to the temperature comp-
ensation circuit as well as the power-down circuit. Typically, the
temperature compensation circuit responds only to voltages
between 0 and VS/2, or about 2.5 V when VS = 5 V.
When the voltage on this pin is greater than VS − 0.1 V, the device
is fully powered down. Figure 32 shows this characteristic as a
function of VPWDN. Note that, because of the design of this section
of the ADL5902, as VPWDN passes through a narrow range at
~4.5 V (or ~VS − 0.5 V), the TADJ/PWDN pin sinks approximately
500 μA. The source used to disable the ADL5902 must have a
sufficiently high current capability for this reason. Figure 33
shows the typical response times for various RF input levels.
The output reaches within 0.1 dB of the steady-state value in
approximately 5 μs; however, the reference voltage is available to
full accuracy in a much shorter time. This wake-up response
varies depending on the input coupling and CLPF.
TADJ/
PWDN
COMM
VPOS
200Ω
200Ω
7kΩ
7kΩ
VREF
INTERCEPT
TEMPERATURE
COMPENSATION
200Ω
POWER-UP
CIRCUIT
SHUTDOWN
CIRCUIT
ESD
ESD
ESD
Figure 41. TADJ/PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ. The
voltage at VSET is converted to an internal current used to set
the internal VGA gain. The VGA attenuation control is approx-
imately 19 dB/V.
ACOM
2.5kΩ
18kΩ
VSET
GAIN ADJUST
54kΩ
Figure 42. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The ADL5902 incorporates rail-to-rail output drivers with pull-
up and pull-down capabilities. The closed-loop, − 3dB bandwidth
from the input of the output amplifier to the output with no load is
approximately 58 MHz with a single-pole roll off of approximately
−20 dB/decade. The output noise is approximately 25 nV/√Hz
at 100 kHz. The VOUT pin can source and sink up to 10 mA.
There is also an internal load from VOUT to COMM of 2500 Ω.
VOUT
CLPF
2kΩ
500Ω
2pF
ESD
ESD
ESD
VPOS
COMM
Figure 43. VOUT Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com