Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 21 of 28
Figure 46 shows how output noise varies with CLPF when the
ADL5902 is driven by a single-carrier W-CDMA signal (Test
Model TM1-64, peak envelope power = 10.56 dB, bandwidth =
3.84 MHz). With a 10 μF capacitor on CLPF, there is residual
noise on VOUT of 4.4 mV p-p, which is less than 0.1 dB error
(assuming a slope of approximately 53 mV/dB).
1
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
1
10
100
1000
CLPF (nF)
OUTPUT NOISE (mV p-p)
10% TO 90% RISE TIME (µs)
90% TO 10% FALL TIME (µs)
Figure 46. Output Noise, Rise and Fall Times vs. CLPF Capacitance, Single-
Carrier W-CDMA (TM1-64) at 2.14 GHz with PIN = 0 dBm
Figure 46 also shows how CLPF affects the response time of VOUT.
To measure this, a RF burst at 2.14 GHz at −10 dBm was applied to
the ADL5902. The 10% to 90% rise time and 90% to 10% fall
time is then measured. It is notable that the fall time is much
longer than the rise time. This can also be seen in the response
time plots, Figure 22, Figure 23, Figure 25, and Figure 26.
In applications where the response time is critical, a different
approach to signal filtering can be taken. This is shown in
Figure 47. The capacitor on the CLPF pin is set to the minimum
value that ensures that a valid rms computation is performed.
The job of noise removal is then handed off to an RC filter on
the VOUT pin. This approach ensures that there is enough
averaging to ensure good rms compliance and does not burden
the rms computation loop with extra filtering that significantly
slows down the response time. By finishing the filtering process
using an RC filter after VOUT, faster fall times can be achieved
with an equivalent amount of output noise. It must be noted
that the RC filter can also be implemented in the digital domain
after the analog-to-digital converter.
In Figure 47, CLPF is equal to 10 nF. This value was experimentally
determined to be the minimum capacitance that ensures good
rms compliance when the ADL5902 is driven by a 1 C W-CDMA
signal (TM1-64). This test was carried out by starting out with a
large capacitance value on the CLPF pin (for example, 10 μF).
The value of VOUT was noted for a fixed input power level (for
example, −10 dBm). The value of CLPF was then progressively
reduced (this can be done with press-down capacitors) until
the value of VOUT started to deviate from the original value (this
indicates that the accuracy of the rms computation is degrading
and that CLPF is getting too small).
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
VSET
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
X2
C9
10nF
(SEE TABLE 6 AND
FIGURE 46.)
CFILTER
(SEE FIGURE 48.)
RFILTER
2kΩ
VOUT
Figure 47. Optimizing Setting Time and Residual Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com