Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 17 of 28
SMALL SIGNAL LOOP RESPONSE
The ADL5902 uses a VGA in a loop to force a squared RF signal
to be equal to a squared dc voltage. This nonlinear loop can be
simplified and solved for a small signal loop response. The low-
pass corner pole is given by
FreqLP ≈ 1.83 × ITGT/(CLPF)
(12)
where:
ITGT is in amperes.
CLPF is in farads.
FreqLP is in hertz.
ITGT is derived from VTGT; however, ITGT is a squared value of
VTGT multiplied by a transresistance, namely
ITGT = gm × VTGT2
(13)
gm is approximately 18.9 μs; therefore, with VTGT equal to the
typically recommended 0.8 V, ITGT is approximately 12 μA. The
value of this current varies with temperature; therefore, the small
signal pole varies with temperature. However, because the RF
squaring circuit and dc squaring circuit track with temperature,
there is no temperature variation contribution to the absolute value
of VOUT.
For CW signals,
FreqLP ≈ 67.7 × 10−6/(CLPF)
(14)
However, signals with large crest factors include low pseudo-
random frequency content that must be either filtered out or
sampled and averaged out (see the Choosing a Value for CLPF
section for more information).
TEMPERATURE SENSOR INTERFACE
The ADL5902 provides a temperature sensor output with a scaling
factor of the output voltage of approximately 4.9 mV/°C. The
output is capable of sourcing 4 mA and sinking 50 μA maximum
at 25°C. An external resistor can be connected from TEMP to
COMM to provide additional current sink capability. The
typical output voltage at 25°C is approximately 1.4 V.
TEMP
VPOS
COMM
INTERNAL
VPAT
12kΩ
4kΩ
Figure 38. TEMP Interface Simplified Schematic
VREF INTERFACE
The VREF pin provides an internally generated voltage reference
for the user. The VREF voltage is a temperature stable 2.3 V
reference that is capable of sourcing 4 mA and sinking 50 μA
maximum. An external resistor can be connected from VREF to
COMM to provide additional current sink capability. The voltage
on this pin can drive the TADJ/PWDN and VTGT pins.
INTERNAL
VOLTAGE
16kΩ
VREF
VPOS
COMM
Figure 39. VREF Interface Simplified Schematic
TEMPERATURE COMPENSATION INTERFACE
While the ADL5902 has a highly stable measurement output
with respect to temperature using proprietary techniques, for
optimal performance, the output temperature drift must be
compensated for using the TADJ pin. The absolute value of
compensation varies with frequency and VTGT. Table 4 shows the
recommended voltages for VTADJ to maintain a temperature drift
error of typically ±0.5 dB or better over the intended temperature
range (−40°C < TA < +85°C) when driven single-ended and
VTGT = 0.8 V.
Table 4. Recommended VTADJ for Selected Frequencies
Frequency
VTADJ (V) R9 in Figure 54 (Ω) R12 in Figure 54 (Ω)
100 MHz
0.5
1430
402
700 MHz
0.4
1430
301
900 MHz
0.4
1430
301
1.9 GHz
0.4
1430
301
2.14 GHz
0.4
1430
301
2.6 GHz
0.45
1430
348
3.5 GHz
0.5
1430
402
5.8 GHz
0.95
1430
1007
The values in Table 4 are chosen to give the best drift
performance at the high end of the usable dynamic range
over the −40°C to +85°C temperature range. There is often a
trade off in setting values, and optimizing for one area of the
dynamic range can mean less than optimal drift performance at
other input amplitudes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com