Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Data Sheet
ADL5902
Rev. B | Page 23 of 28
OUTPUT VOLTAGE SCALING
The output voltage range of the ADL5902 (nominally 0.3 V to
3.5 V) can be easily increased or decreased. There are a number
of situations where adjustment of the output scaling makes sense.
For example, if the ADL5902 is driving an analog-to-digital
converter (ADC) with a 0 V to 5 V input range, it makes sense
to increase the detector nominal maximum output voltage of
3.5 V so that it is closer to 5 V. This makes better use of the input
range of the ADC and maximizes the resolution of the system
in terms of bits/dB. For more information on interfacing the
ADL5902 to an ADC, please refer to Circuit Note CN0178.
If only a part of the ADL5902 RF input power range is being
used (for example, −10 dBm to −60 dBm), it can make sense to
increase the scaling so that this reduced input range fits into the
ADL5902 available output swing of 0 V to 4.8 V.
The output swing can also be reduced by simply adding a
voltage divider on the output pin, as shown in the circuit on the
left-hand side of Figure 49. Reducing the output scaling can, for
example, be used when interfacing the ADL5902 to an ADC
with a 0 V to 2.5 V input range. Recommended scaling resistors
for a slope decrease are provided in Table 7.
The output voltage swing can be increased using a technique
that is analogous to setting the gain of an op amp in noninverting
mode with the VSET pin being the equivalent of the inverting
input of the op amp. This is shown in the circuit on the left-hand
side of Figure 49.
Connecting VOUT to VSET results in the nominal 0 V to 3.5 V
swing and a slope of approximately 53 mV/dB (this varies slightly
with frequency). Figure 49 and Table 7 show the configurations
for increasing the slope, along with recommended standard
resistor values for particular input ranges and output swings.
6
7
VSET
R6
R2
VOUT
6
7
VSET
R1
R15
VOUT
Figure 49. Decreasing and Increasing Slope
Table 7. Output Voltage Range Scaling
Desired
Input
Range
(dBm)
R6
(Ω)
R2
(Ω)
R1
(Ω)
R15
(Ω)
New
Slope
(mV/dB)
Nominal
Output
Voltage
Range (V)
0 to −60
665
2000
72.1
0.195 to 4.52
−10 to −50
1180
2000
86.3
1.096 to 4.55
0 to −60
806
2000
38.3
0.103 to 2.49
−10 to −50
324
2000
46.2
0.587 to 2.43
Equation 17 is the general function that governs this.


1
)
||
(
6
'
O
O
IN
V
V
R
R2
R
(17)
where:
VO is the nominal maximum output voltage (see Figure 6
through Figure 18).
V'O is the new maximum output voltage (for example, up to 4.8 V).
RIN is the VSET input resistance (72 kΩ).
When choosing R6 and R2, attention must be paid to the current
drive capability of the VOUT pin and the input resistance of the
VSET pin. The choice of resistors must not result in excessive
current draw out of VOUT. However, making R6 and R2 too
large is also problematic. If the value of R2 is compatible with the
input resistance of the VSET input (72 kΩ), this input resistance,
which varies slightly from device to device, contributes to the
resulting slope and output voltage. In general, the value of R2
must be at least ten times smaller than the input resistance of
VSET. Values for R6 and R2 must, therefore, be in the 1 kΩ to
5 kΩ range.
It is also important to take into account device to device and
frequency variation in output swing along with the ADL5902
output stage maximum output voltage of 4.8 V. The VOUT
distribution is well characterized at major frequencies’ bands in
the Typical Performance Characteristics section (see Figure 6
through Figure 8, Figure 12 through Figure 14, Figure 18, and
Figure 19). The resistor values in Table 7, which are calculated
based on 900 MHz performance, are conservatively chosen so
that there is no chance that the output voltages exceed the
ADL5902 output swing or the input range of a 0 V to 2.5 V and
0 V to 5 V ADC. Because the output swing does not vary much
with frequency (it does start to drop off above 3 GHz), these
values work for multiple frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com