Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 24Page - National Semiconductor (TI) NSC800 Datasheet HTML 25Page - National Semiconductor (TI) NSC800 Datasheet HTML 26Page - National Semiconductor (TI) NSC800 Datasheet HTML 27Page - National Semiconductor (TI) NSC800 Datasheet HTML 28Page - National Semiconductor (TI) NSC800 Datasheet HTML 29Page - National Semiconductor (TI) NSC800 Datasheet HTML 30Page - National Semiconductor (TI) NSC800 Datasheet HTML 31Page - National Semiconductor (TI) NSC800 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
120 Instruction Set
This section details the entire NSC800 instruction set in
terms of
 Opcode
 Instruction
 Function
 Timing
 Addressing Mode
The instructions are grouped in order under the following
functional headings
 8-Bit Loads
 16-Bit Loads
 8-Bit Arithmetic
 16-Bit Arithmetic
 Bit Set Reset and Test
 Rotate and Shift
 Exchanges
 Memory Block Moves and Searches
 InputOutput
 CPU Control
 Program Control
121 Instruction Set Index
Alphabetical
Assembly
Operation
Page
Mnemonic
ADC Am1
Add with carry memory location contents to Accumulator
40
ADC An
Add with carry immediate data n to Accumulator
38
ADC Ar
Add with carry register r contents to Accumulator
36
ADC HLpp
Add with carry register pair pp to HL
43
ADD Am1
Add memory location contents to Accumulator
40
ADD An
Add immediate data n to Accumulator
38
ADD Ar
Add register r contents to Accumulator
36
ADD HLpp
Add register pair pp to HL
43
ADD IXpp
Add register pair pp to IX
43
ADD IYpp
Add register pair pp to IY
43
ADD sspp
Add register pair pp to contents of register pair ss
43
AND m1
Logical ‘AND’ memory contents to Accumulator
41
AND n
Logical ‘AND’ immediate data to Accumulator
39
AND r
Logical ‘AND’ register r contents to Accumulator
36
BIT bm1
Test bit b of location m1
45
BIT br
Test bit b of register r
44
CALL ccnn
Call subroutine at location nn if condition cc is true
56
CALL nn
Unconditional call to subroutine at location nn
56
CCF
Complement carry flag
38
CP m1
Compare memory contents with Accumulator
42
CP n
Compare immediate data n with Accumulator
40
CP r
Compare register r to contents with Accumulator
37
CPD
Compare location (HL) and Accumulator decrement HL and BC
50
CPDR
Compare location (HL) and Accumulator decrement HL and BC
51
repeat until BC e 0
CPI
Compare location (HL) and Accumulator increment HL decrement BC
50
CPIR
Compare location (HL) and Accumulator increment HL decrement BC
51
repeat until BC e 0
CPL
Complement Accumulator (1’s complement)
37
DAA
Decimal adjust Accumulator
38
DEC m1
Decrement data in memory location m1
42
DEC r
Decrement register r contents
37
DEC rr
Decrement register pair rr contents
44
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com