Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 9Page - National Semiconductor (TI) NSC800 Datasheet HTML 10Page - National Semiconductor (TI) NSC800 Datasheet HTML 11Page - National Semiconductor (TI) NSC800 Datasheet HTML 12Page - National Semiconductor (TI) NSC800 Datasheet HTML 13Page - National Semiconductor (TI) NSC800 Datasheet HTML 14Page - National Semiconductor (TI) NSC800 Datasheet HTML 15Page - National Semiconductor (TI) NSC800 Datasheet HTML 16Page - National Semiconductor (TI) NSC800 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
80 Functional Description (Continued)
843 Carry (C)
A carry from the highest order bit of the accumulator during
an add instruction or a borrow generated during a subtrac-
tion instruction sets the carry flag Specific shift and rotate
instructions also affect this bit
Two specific instructions in the NSC800 instruction reper-
toire set (SCF) or complement (CCF) the carry flag
Other operations that affect the C flag are as follows

Adds

Subtracts

Logic Operations (always resets C flag)

Rotate Accumulator

Rotate and Shifts

Decimal Adjust

Negation of Accumulator
Other operations do not affect the C flag
844 AddsSubtract (N)
This flag is used in conjunction with the H flag to ensure that
the proper BCD correction algorithm is used during the deci-
mal adjust instruction (DAA) The correction algorithm de-
pends on whether an add or subtract was previously done
with BCD operands
The operations that set the N flag are

Subtractions

Decrements (8-bit)

Complementing of the Accumulator

Block IO

Block Searches

Negation of the Accumulator
The operations that reset the N flag are

Adds

Increments

Logic Operations

Rotates

Set and Complement Carry

Input Register Indirect

Block Transfers

Load of the I or R Registers

Bit Tests
Other operations do not affect the N flag
845 ParityOverflow (PV)
The ParityOverflow flag is a dual-purpose flag that indi-
cates results of logic and arithmetic operations In logic op-
erations the PV flag indicates the parity of the result the
flag is set (high) if the result is even reset (low) if the result
is odd In arithmetic operations it represents an overflow
condition when the result interpreted as signed two’s com-
plement arithmetic is out of range for the eight-bit accumu-
lator (ie b128 to a127)
The following operations affect the PV flag according to
the parity of the result of the operation

Logic Operations

Rotate and Shift

Rotate Digits

Decimal Adjust

Input Register Indirect
The following operations affect the PV flag according to
the overflow result of the operation

Adds (16 bit with carry 8-bit withwithout carry)

Subtracts (16 bit with carry 8-bit withwithout carry)

Increments and Decrements

Negation of Accumulator
The PV flag has no significance immediately after the fol-
lowing operations

Block IO

Bit Tests
In block transfers and compares the PV flag indicates the
status of the BC register always ending in the reset state
after an auto repeat of a block move Other operations do
not affect the PV flag
846 Half Carry (H)
This flag indicates a BCD carry or borrow result from the
low-order four bits of operation It can be used to correct the
results of a previously packed decimal add or subtract op-
eration by use of the Decimal Adjust Instruction (DAA)
The following operations affect the H flag

Adds (8-bit)

Subtracts (8-bit)

Increments and Decrements

Decimal Adjust

Negation of Accumulator

Always Set by
Logic AND
Complement Accumulator
Bit Testing

Always Reset By
Logic OR’s and XOR’s
Rotates and Shifts
Set Carry
Input Register Indirect
Block Transfers
Loads of I and R Registers
The H flag has no significance immediately after the follow-
ing operations

16-bit Adds withwithout carry

16-Bit Subtracts with carry

Complement of the carry

Block IO

Block Searches
Other operations do not affect the H flag
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com