Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 16Page - National Semiconductor (TI) NSC800 Datasheet HTML 17Page - National Semiconductor (TI) NSC800 Datasheet HTML 18Page - National Semiconductor (TI) NSC800 Datasheet HTML 19Page - National Semiconductor (TI) NSC800 Datasheet HTML 20Page - National Semiconductor (TI) NSC800 Datasheet HTML 21Page - National Semiconductor (TI) NSC800 Datasheet HTML 22Page - National Semiconductor (TI) NSC800 Datasheet HTML 23Page - National Semiconductor (TI) NSC800 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
90 Timing and Control (Continued)
TLC5171 – 28
FIGURE 14 NSC800 Power-Save
TLC5171 – 22
S0 S1 during BREQ will indicate same machine cycle as during the cycle when BREQ was accepted
tZetime states during which bus and control signals are in high impedance mode
FIGURE 15 Bus Acknowledge Cycle
In the event BREQ is asserted (low) at the end of an instruc-
tion cycle and PS is active simultaneously the following oc-
curs
1 The NSC800 will go into BACK cycle
2 Upon completion of BACK cycle if PS is still active the
CPU will go into power-save mode
95 BUS ACCESS CONTROL
Figure 15 illustrates bus access control in the NSC800 The
external device controller produces an active BREQ signal
that requests the bus When the CPU responds with BACK
then the bus and related control strobes go to high imped-
ance (TRI-STATE) and the RFSH signal remains high It
should be noted that (1) BREQ is sampled at the last t state
of any M machine cycle only (2) The NSC800 will not ac-
knowledge any interruptrestart requests and will not pe-
form any dynamic RAM refresh functions until after BREQ
input signal is inactive high (3) BREQ signal has priority
over all interrupt request signals should BREQ and interrupt
request become active simultaneously Therefore interrupts
latched at the end of the instruction cycle will be serviced
after a simultaneously occurring BREQ NMI is latched dur-
ing an active BREQ
96 INTERRUPT CONTROL
The NSC800 has five interruptrestart inputs four are mask-
able (RSTA RSTB RSTC and INTR) and one is non-mask-
able (NMI) NMI has the highest priority of all interrupts the
user cannot disable NMI After recognizing an active input
on NMI the CPU stops before the next instruction pushes
the PC onto the stack and jumps to address X’0066 where
the user’s interrupt service routine is located (ie restart to
memory location X’0066) NMI is intended for interrupts re-
quiring immediate attention such as power-down control
panel etc
RSTA RSTB and RSTC are restart inputs which if enabled
execute a restart to memory location X’003C X’0034 and
X’002C respectively Note that the CPU response to the
NMI and RST (A B C) request input is basically identical
except for the restored memory location Unlike NMI how-
ever restart request inputs must be enabled
Figure 16 illustrates NMI and RST interrupt machine cycles
M1 cycle will be a dummy opcode fetch cycle followed by
M2 and M3 which are stack push operations The following
instruction then starts from the interrupts restart location
Note
RD does
not go low during this dummy opcode fetch A unique indica-
tion of INTA can be decoded using 2 ALEs and RD
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com