Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 49Page - National Semiconductor (TI) NSC800 Datasheet HTML 50Page - National Semiconductor (TI) NSC800 Datasheet HTML 51Page - National Semiconductor (TI) NSC800 Datasheet HTML 52Page - National Semiconductor (TI) NSC800 Datasheet HTML 53Page - National Semiconductor (TI) NSC800 Datasheet HTML 54Page - National Semiconductor (TI) NSC800 Datasheet HTML 55Page - National Semiconductor (TI) NSC800 Datasheet HTML 56Page - National Semiconductor (TI) NSC800 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
1212 InputOutput (Continued)
OUT
(n) A
Output the Accumulator to the IO device at address n
(n)
w A
No flags affected
76543210
11010011
n
Timing
M cycles
3
T states
11 (4 3 4)
Addressing Mode
Source
Register
Destination
Direct
OUTD
Data is output from memory location (HL) to the IO device
at port address (C) and the HL memory pointer and byte
counter B are decremented
(C)
w (HL)
S Undefined
B
w B b 1
Z Set if Bb1e0 otherwise reset
HL
w HL b 1
H Undefined
PV Undefined
N Set
C NA
76543210
11101101
10101011
Timing
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
INIR
Data is input from the IO device at port address (C) to
memory location (HL) the HL memory pointer is increment-
ed and the byte counter B is decremented The cycle is
repeated until B e 0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(HL)
w (C)
S Undefined
HL
w HL a 1
Z Set
B
w B b 1
H Undefined
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10110010
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that at the end of each data transfer cycle interrupts
may be recognized and two refresh cycles will be per-
formed)
OTIR
Data is output to the IO device at port address (C) from
memory location (HL) the HL memory pointer is increment-
ed and the byte counter B is decremented The cycles are
repeated until B e 0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(C)
w (HL)
S Undefined
HL
w HL a 1
H Undefined
B
w B b 1
Z Set
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10110011
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that at the end of each data transfer cycle interrupts
may be recognized and two refresh cycles will be per-
formed)
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com