Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 20Page - National Semiconductor (TI) NSC800 Datasheet HTML 21Page - National Semiconductor (TI) NSC800 Datasheet HTML 22Page - National Semiconductor (TI) NSC800 Datasheet HTML 23Page - National Semiconductor (TI) NSC800 Datasheet HTML 24Page - National Semiconductor (TI) NSC800 Datasheet HTML 25Page - National Semiconductor (TI) NSC800 Datasheet HTML 26Page - National Semiconductor (TI) NSC800 Datasheet HTML 27Page - National Semiconductor (TI) NSC800 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
90 Timing and Control (Continued)
so that the complete state of the CPU just prior to the non-
maskable interrupt may be restored The method of restor-
ing the status of IFF1 is through the execution of a Return
Non-Maskable Interrupt (RETN) instruction Since this in-
struction indicates that the non-maskable interrupt service
routine is completed the contents of IFF2 are now copied
back into IFF1 so that the status of IFF1 just prior to the
acceptance of the non-maskable interrupt will be automati-
cally restored
Figure 19 depicts the status of the flip flops during a sample
series of interrupt instructions
Interrupt Control Register
The interrupt control register
(ICR) is a 4-bit write only register that provides the program-
mer with a second level of maskable control over the four
maskable interrupt inputs
The ICR is internal to the NSC800 CPU but is addressed
through the IO space at IO address port X’BB Each bit in
the register controls a mask bit dedicated to each maskable
interrupt RSTA RSTB RSTC and INTR For an interrupt
request to be accepted on any of these inputs the corre-
sponding mask bit in the ICR must be set (e 1) and IFF1
and IFF2 must be set This provides the programmer with
control over individual interrupt inputs rather than just a sys-
tem wide enable or disable
TLC5171 – 26
Bit
Name
Function
0
IEI
Interrupt Enable for INTR
1
IEC
Interrupt Enable for RSTC
2
IEB
Interrupt Enable for RSTB
3
IEA
Interrupt Enable for RSTA
For example In order to enable RSTB CPU interrupts must
be enabled and IEB must be set
At reset IEI bit is set and other mask bits IEA IEB IEC are
cleared This maintains the software compatibility between
NSC800 and Z80A
Execution of an IO block move instruction will not affect
the state of the interrupt control bits The only two instruc-
tions that will modify this write only register are OUT (C) r
and OUT (N) A
Operation
IFF1 IFF2
Comment
Initialize
0
0
Interrupt Disabled



EI
1
1
Interrupt Enabled after

next instruction


INTR
0
0
Interrupt Disable and INTR
Being Serviced



EI
1
1
Interrupt Enabled after
next instruction
RET
1
1
Interrupt Enabled



NMI
0
1
Interrupt Disabled



RETN
1
1
Interrupt Enabled

INTR
0
0
Interrupt Disabled



NMI
0
0
Interrupt Disabled and NMI

Being Serviced


RETN
0
0
Interrupt Disabled and INTR

Being Serviced


EI
1
1
Interrupt Enabled after
next instruction
RET
1
1
Interrupt Enabled



FIGURE 19 IFF1 and IFF2 States Immediately after the
Operation has been Completed
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com