Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 57Page - National Semiconductor (TI) NSC800 Datasheet HTML 58Page - National Semiconductor (TI) NSC800 Datasheet HTML 59Page - National Semiconductor (TI) NSC800 Datasheet HTML 60Page - National Semiconductor (TI) NSC800 Datasheet HTML 61Page - National Semiconductor (TI) NSC800 Datasheet HTML 62Page - National Semiconductor (TI) NSC800 Datasheet HTML 63Page - National Semiconductor (TI) NSC800 Datasheet HTML 64Page - National Semiconductor (TI) NSC800 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
LD
E A
5F
LD
E B
58
LD
E C
59
LD
E D
5A
LD
E E
5B
LD
E H
5C
LD
E L
5D
LD
E n
1E n
LD
H (HL)
66
LD
H (IXad)
DD 66d
LD
H (IYad)
FD 66d
LD
H A
67
LD
H B
60
LD
H C
61
LD
H D
62
LD
H E
63
LD
H H
64
LD
H L
65
LD
H n
26 n
LD
HL (nn)
2Ann
LD
HL nn
21nn
LD
I A
ED 47
LD
IX (nn)
DD 2Ann
LD
IX nn
DD 21nn
LD
IY (nn)
FD 2Ann
LD
IY nn
FD 21nn
LD
L (HL)
6E
LD
L (IXad)
DD 6Ed
LD
L (IYad)
FD 6Ed
LD
L A
6F
LD
L B
68
LD
L C
69
LD
L D
6A
LD
L E
6B
LD
L H
6C
LD
L L
6D
LD
L n
2E n
LD
SP (nn)
ED 7Bnn
LD
SP HL
F9
LD
SP IX
DD F9
LD
SP IY
FD F9
LD
SP nn
31nn
LDD
ED A8
LDDR
ED B8
LDI
ED A0
LDIR
ED B0
NEG
ED n
NOP
00
OR
(HL)
B6
OR
(IXad)
DD B6d
OR
(IYad)
FD B6d
OR
A
B7
OR
B
B0
OR
C
B1
OR
D
B2
OR
E
B3
OR
H
B4
OR
L
B5
OR
n
F6 n
OTDR
ED BB
OTIR
ED B3
OUT
(C) A
ED 79
OUT
(C) B
ED 41
OUT
(C) C
ED 49
OUT
(C) D
ED 51
OUT
(C) E
ED 59
OUT
(C) H
ED 61
OUT
(C) L
ED 69
OUT
n A
D3 n
OUTD
ED AB
OUTI
ED A3
POP
AF
F1
POP
BC
C1
POP
DE
D1
POP
HL
E1
POP
IX
DD E1
POP
IY
FD E1
PUSH
AF
F5
PUSH
BC
C5
PUSH
DE
D5
PUSH
HL
E5
PUSH
IX
DD E5
PUSH
IY
FD E5
RES
0 (HL)
CB 86
RES
0 (IXad)
DD CBd86
RES
0 (IYad)
FD CBd86
RES
0 A
CB 87
RES
0 B
CB 80
RES
0 C
CB 81
RES
0 D
CB 82
RES
0 E
CB 83
RES
0 H
CB 84
RES
0 L
CB 85
RES
1 (HL)
CB 8E
RES
1 (IXad)
DD CBd8E
RES
1 (IYad)
FD CBd8E
RES
1 A
CB 8F
RES
1 B
CB 88
RES
1 C
CB 89
RES
1 D
CB 8A
RES
1 E
CB 8B
RES
1 H
CB 8C
RES
1 L
CB 8D
RES
2 (HL)
CB 96
RES
2 (IXad)
DD CBd96
RES
2 (IYad)
FD CBd96
(nn)eAddress of memory location
designed displacement
nneData (16 bit)
d2edb2
neData (8 bit)
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com