Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 26Page - National Semiconductor (TI) NSC800 Datasheet HTML 27Page - National Semiconductor (TI) NSC800 Datasheet HTML 28Page - National Semiconductor (TI) NSC800 Datasheet HTML 29Page - National Semiconductor (TI) NSC800 Datasheet HTML 30Page - National Semiconductor (TI) NSC800 Datasheet HTML 31Page - National Semiconductor (TI) NSC800 Datasheet HTML 32Page - National Semiconductor (TI) NSC800 Datasheet HTML 33Page - National Semiconductor (TI) NSC800 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
121 Instruction Set Index (Continued)
Alphabetical
Assembly
Operation
Page
Mnemonic
OR m1
Logical ‘OR’ of memory location contents and accumulator
41
OR n
Logical ‘OR’ of immediate data n and Accumulator
39
OR r
Logical ‘OR’ of register r and Accumulator
37
OTDR
Load output port (C) with location (HL) decrement HL and B repeat until B e 054
OTIR
Load output port (C) with location (HL) increment HL decrement B
53
repeat until B e 0
OUT (C)r
Load output port (C) with register r
52
OUT (n)A
Load output port (n) with Accumulator
53
OUTD
Load output port (C) with location (HL) decrement HL and B
53
OUTI
Load output port (C) with location (HL) increment HL decrement B
52
POP qq
Load register pair qq with top of stack
35
PUSH qq
Load top of stack with register pair qq
35
RES bm1
Reset bit b of memory location m1
44
RES br
Reset bit b of register r
44
RET
Unconditional return from subroutine
56
RET cc
Return from subroutine if cc true
56
RETI
Unconditional return from interrupt
56
RETN
Unconditional return from non-maskable interrupt
57
RL m1
Rotate memory contents left through carry
47
RL r
Rotate register r left through carry
45
RLA
Rotate Accumulator left through carry
45
RLC m1
Rotate memory contents left circular
47
RLC r
Rotate register r left circular
45
RLCA
Rotate Accumulator left circular
45
RLD
Rotate digit left and right between Accumulator and memory (HL)
49
RR m1
Rotate memory contents right through carry
48
RR r
Rotate register r right through carry
46
RRA
Rotate Accumulator right through carry
48
RRC m1
Rotate memory contents right circular
47
RRC r
Rotate register r right circular
45
RRCA
Rotate Accumulator right circular
46
RRD
Rotate digit right and left between Accumulator and memory (HL)
49
RST P
Restart to location P
57
SBC Am1
Subtract with carry memory contents from Accumulator
41
SBC An
Subtract with carry immediate data n from Accumulator
39
SBC Ar
Subtract with carry register r from Accumulator
36
SBC HLpp
Subtract with carry register pair pp from HL
43
SCF
Set carry flag
38
SET bm1
Set bit b in memory location m1 contents
44
SET br
Set bit b in register r
44
SLA m1
Shift memory contents left arithmetic
48
SLA r
Shift register r left arithmetic
46
SRA m1
Shift memory contents right arithmetic
48
SRA r
Shift register r right arithmetic
46
SRL m1
Shift memory contents right logical
48
SRL r
Shift register r right logical
46
SUB m1
Subtract memory contents from Accumulator
40
SUB n
Subtract immediate data n from Accumulator
39
SUB r
Subtract register r from Accumulator
36
XOR m1
Exclusive ‘OR’ memory contents and Accumulator
42
XOR n
Exclusive ‘OR’ immediate data n and Accumulator
39
XOR r
Exclusive ‘OR’ register r and Accumulator
37
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com