Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 33Page - National Semiconductor (TI) NSC800 Datasheet HTML 34Page - National Semiconductor (TI) NSC800 Datasheet HTML 35Page - National Semiconductor (TI) NSC800 Datasheet HTML 36Page - National Semiconductor (TI) NSC800 Datasheet HTML 37Page - National Semiconductor (TI) NSC800 Datasheet HTML 38Page - National Semiconductor (TI) NSC800 Datasheet HTML 39Page - National Semiconductor (TI) NSC800 Datasheet HTML 40Page - National Semiconductor (TI) NSC800 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
126 8-Bit Arithmetic (Continued)
76543210
10100
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
OR
r
Logically OR the contents of the r register and the Accumu-
lator
A
w A
r
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Reset
76543210
10110
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
XOR
r
Logically exclusively OR the contents of the r register with
the Accumulator
A
w A Z r
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Reset
76543210
10101
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
INC
r
Increment register r
r
w r a 1
S Set if result is negative
Z Set if result is zero
H Set if carry from bit 3
PV Set only if r was X’7F before
operation
N Reset
C NA
76543210
00
r
100
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationRegister
CP
r
Compare the contents of register r with the Accumulator
and set the flags accordingly
A b r
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow
76543210
10111
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
DEC
r
Decrement the contents of register r
r
w r b 1
S Set if result is negative
Z Set if result is zero
H Set according to a borrow from
bit 4
PV Set only if r was X’80 prior to
operation
N Set
C NA
76543210
00
r
101
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationRegister
CPL
Complement the Accumulator (1’s complement)
A
w A
S NA
Z NA
H Set
PV NA
N Set
C NA
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com