Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 4Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 5Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 6Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 7Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 8Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 9Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 10Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 11Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
2001 Apr 06
8
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
P4.0 - P4.1
12,34
I/O
Port 4: Port 4 is an 8-bit bidirectional I/O port with internal pull-ups on all pin. Port 4 pins
that have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 4 pins that are externally pulled low will source current because of
the internal pull-ups. (Note: When SFR bit SPEN (SPCTL.6) is ’1’, the pull-ups at these port
pins are disabled.)
12
I
P4.0
RXD1
Serial input port 1. (Note: This pin is a no connect pin on some
derivatives.) (with pull-up on pin)
I/O
MISO
SPI Master In/Slave Out (Selected when SFR bit SPEN (SPCTL.6)
is ’1’, in which case the pull-up for this pin is disabled)
34
O
P4.1
TXD1
Serial output port 1. (Note: This pin is a no connect pin on some
derivatives.) (with pull-up on pin)
I
SS
SPI Slave Select (Selected when SFR bit SPEN (SPCTL.6) is ’1’,
in which case the pull-up for this pin is disabled)
RST
10
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an external
capacitor to VDD.
ALE
33
O
Address Latch Enable: Output pulse for latching the low byte of the address during an
access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6
the oscillator frequency, and can be used for external timing or clocking. Note that one ALE
pulse is skipped during each access to external data memory. If SFR bit AO (AUXR.0) is
’0’, ALE is emitted at the constant rate as indicated above. With this bit set to ’1’, ALE will
be active only during a MOVX instruction.
PSEN
32
O
Program Store Enable: The read strobe to external program memory. When executing
code from the external program memory, PSEN is activated twice each machine cycle,
except that two PSEN activations are skipped during each access to external data
memory. PSEN is not activated during fetches from internal program memory.
EA/Vpp
35
I
External Access Enable/Programming Supply Voltage: EA must be externally held low
to enable the device to fetch code from external program memory locations. If EA is held
high, the device executes from internal program memory. The value on the EA pin is
latched when RST is released and any subsequent changes have no effect.
XTAL1
21
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
20
O
Crystal 2: Output from the inverting oscillator amplifier.
VSS
22
I
Ground: 0V reference.
VDD
44
I
Power Supply: This is the power supply voltage for normal operation as well as Idle and
Power Down modes.
(NC/VSS)
1
I
No Connect/Ground: This pin is a no connect pin on some derivatives, but is internally
connected to VSS on the P87C51Mx2. If connected externally, this pin must only be
connected to the same VSS as at pin 22. (Note: Connecting the second pair of VSS and VDD
pins is not required. However, they may be connected in addition to the primary VSS and
VDD pins to improve power distribution, reduce noise in output signals, and improve
system-level EMI characteristics.)
(NC/VDD)
23
I
No Connect/Power Supply: This pin is a no connect pin on some derivatives, but is
internally connected to VDD on the P87C51Mx2. If connected externally, this pin must only
be connected to the same VDD as at pin 44. (Note: Connecting the second pair of VSS and
VDD pins is not required. However, they may be connected in addition to the primary VSS
and VDD pins to improve power distribution, reduce noise in output signals, and improve
system-level EMI characteristics.)
MNEMONIC
PIN NO.
TYPE NAME AND FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com