Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 26Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 27Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 28Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 29Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 30Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 31Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 32Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 33Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
2001 Apr 06
31
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
Figure 16: ICC Test Condition, Power Down Mode (All other pins are disconnected, VDD = 2.0V to 5.5V)
RST
XTAL2
XTAL1
VSS
(NC)
VDD
P0
EA
VDD
VDD
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com