Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 26Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 27Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 28Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 29Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 30Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 31Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 32Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 33Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Philips Semiconductors
Errata
P87C51MB2/P87C51MC2
Errata sheet
1
2001 Apr 06
Version 1.0
FUNCTIONAL DEVIATIONS
Deviation #1
RxD1 pin is an open drain configuration.
Work-around:
A resistor must be used if this pin is to be used as an output. These pins will become port 4 on the next
release fixing this issue.
Deviation #2
Port 4 does not exist for the RxD1 and TxD1 pins. DC parameters differ from standard port pins.
Work-around:
None. These pins will become port 4 on the next release.
Deviation #3
RxD1, TxD1, and ALE pins will not go into once mode.
Work-around:
None. This will be fixed on the next release.
Deviation #4
In the UART, the contents of RB8 and SBUF change when they shouldn’t if SM2=1 in modes 2 and 3.
Work-around:
None. Will be fixed on the next release.
Deviation #5
The UART double buffering will be implemented on the next release.
Work-around:
None.
Deviation #6
SPI block will be implemented on the next release.
Work-around:
None.
Deviation #7
Security bits are not 100% compatible with past 80c51 products.
Work-around:
The security bits will be compatible on the next release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com