Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 13Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 14Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 15Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 16Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 17Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 18Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 19Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 20Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
2001 Apr 06
17
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
SECURITY BITS
The P87C51Mx2 has security bits to protect users’ firmware codes. With none of the security bits programmed, the code in the
program memory can be verified. With only security bit 1 (see Table 6) is programmed, MOVC instructions executed from
external program memory are disabled from fetching code bytes from the internal memory. EA is latched on Reset and all further
programming of EPROM is disabled. When security bits 1 and 2 are programmed, in addition to the above, verify mode is
disabled. When all three security bits are programmed, all of the conditions above apply and all external program memory
execution is disabled.
Security Bits1,2
Protection Description
Bit 1
Bit 2
Bit 3
1
U
U
U
No program security features enabled. EEPROM is programmable and verifiable.
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on Reset, and further
programming of the EPROM is disabled.
3
P
P
U
Same as 2, also verification is disabled.
4
P
P
P
Same as 3, external execution is disabled.
Notes:
1. P - programmed. U- unprogrammed.
2. Any other combination of security bits is not defined.
Table 6: EPROM Security Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com