Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 6Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 7Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 8Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 9Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 10Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 11Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 12Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 13Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
2001 Apr 06
10
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
DF
DE
DD
DC
DB
DA
D9
D8
CCON#
PCA Counter Control
D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
00H%
CH#
PCA Counter High
F9H
00H
CL#
PCA Counter Low
E9H
00H
CMOD#
PCA Counter Mode
D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
00H%
DPTR
Data Pointer (2 bytes)
00H
DPH
Data Pointer High
83H
00H
DPL
Data Pointer Low
82H
00H
EPL#
Extended Data Pointer Low
FCH‡
00H
EPM#
Extended Data Pointer Middle
FDH‡
00H
EPH#
Extended Data Pointer High
FEH‡
00H
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt Enable 0
A8H
EA
EC
ET2
ES0/
ES0R
ET1
EX1
ET0
EX0
00H
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt Enable 1
E8H
-
-
-
-
ESPI
ES1T
ES0T
ES1/
ES1R
00H%
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt Priority
B8H
-
PPC
PT2
PS0/
PS0R
PT1
PX1
PT0
PX0
00H
IP0H
Interrupt Priority 0 High
B7H
-
PPCH
PT2H
PS0H/
PS0RH
PT1H
PX1H
PT0H
PX0H
00H
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt Priority 1
F8H
-
-
-
-
PSPI
PS1T
PS0T
PS1/
PS1R
00H%
IP1H
Interrupt Priority 1 High
F7H
-
-
-
-
PSPIH
PS1TH
PS0TH
PS1H/
PS1RH
00H%
MXCON#
MX Control Register
FFH‡
-
-
-
-
-
EAM
ESMM
EIFM
00H%
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
CEX4
CEX3
CEX2/
SPICLK
CEX1/
MOSI
CEX0
ECI
T2EX
T2
FFH
Special Function Registers (Continued)
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATE PORT FUNCTION
Reset
Value
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com