Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 17Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 18Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 19Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 20Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 21Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 22Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 23Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 24Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
2001 Apr 06
21
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
AC ELECTRICAL CHARACTERISTICS
Tamb = 0 to +70°C for commercial unless otherwise specified.
1,2,3
SYMBOL FIGURE(S)
PARAMETER
2.7V < VDD < 5.5V
4.5V < VDD < 5.5V
UNIT
Variable Clock4
fOSC=12MHz
4
Variable Clock4
fOSC=24MHz
4
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fOSC
Oscillator frequency
0
12
0
24
MHz
tCLCL
15
CLock cycle
83
41.5
ns
tLHLL
1,2
ALE pulse width
tCLCL-66
16
tCLCL-33
8
ns
tAVLL
1,2,3, 4,5,6 Address valid to ALE low
tCHCX-25
8
tCHCX-12
4
ns
tLLAX
1,2,3, 4,5,6 Address hold after ALE low
tCLCX-25
8
tCLCX-12
4
ns
tLLIV
1,2
ALE low to valid instruction in
2tCLCL-108
58
2tCLCL-54
29
ns
tLLPL
1,2
ALE low to PSEN low
tCLCX-25
8
tCLCX-12
4
ns
tPLPH
1,2
PSEN pulse width
tCLCL+tCHCX
-66
50
tCLCL+tCHCX
-33
25
ns
tPLIV
1,2
PSEN low to valid instruction in
tCLCL
+tCHCX-91
25
tCLCL
+tCHCX-46
12
ns
tPXIX
1,2
Input instruction hold after PSEN
0
0
0
0
ns
tPXIZ
1,2
Input instruction float after PSEN
tCLCX-25
8
tCLCX-12
4
ns
tAVIV
1
Address (A8-A15) to valid instruction
in (non-Extended Addressing Mode)
2tCLCL
+tCHCX-36
180
2tCLCL
+tCHCX-28
81
ns
tAVIV1
2
Address (A8-A15) to valid instruction
in (Extended Addressing Mode)
tCLCL
+tCHCX-44
89
2tCLCL
+tCHCX-34
33
ns
tPLAZ
1,2
PSEN low to address float
16
16
8
8
ns
Data Memory
tRLRH
3,4
RD pulse width
3tCLCL-166
83
3tCLCL-83
41.5
ns
tWLWH
5,6
WR pulse width
3tCLCL-166
83
3tCLCL-83
41.5
ns
tRLDV
3,4
RD low to valid data in
2tCLCL
+tCHCX-141
58
2tCLCL
+tCHCX-70
29
ns
tRHDX
3,4
Data hold after RD
0
0
0
0
ns
tRHDZ
3,4
Data float after RD
tCLCL-34
49
tCLCL-17
24
ns
tLLDV
3,4
ALE low to valid data in
4tCLCL-250
83
4tCLCL-125
41
ns
tAVDV
3
Address (A8-A15) to valid data in
(non-Extended Addressing Mode)
4tCLCL
+tCHCX-36
346
4tCLCL
+tCHCX-28
164
ns
tAVDV1
4
Address (A8-A15) to valid data in
(Extended Addressing Mode)
3tCLCL
+tCHCX-44
255
3tCLCL
+tCHCX-34
116
ns
tLLWL
3,4, 5,6
ALE low to RD or WR low
tCLCL
+tCLCX-83
tCLCL
+tCLCX+83
208
tCLCL
+tCLCX-41
tCLCL
+tCLCX+41
104
ns
tAVWL
3,5
Address (A8-A15) valid to WR or RD
low (non-Extended Addressing
Mode)
2tCLCL-15
151
2tCLCL-20
63
ns
tAVWL1
4,6
Address (A8-A15) valid to WR or RD
low (Extended Addressing Mode)
tCLCL-20
63
tCLCL-25
16.5
ns
tQVWX
5,6
Data valid to WR transition
tCLCX-33
0
tCLCX-16
0
ns
tWHQX
5,6
Data hold after WR
tCHCX-24
9
tCHCX-11
5
ns
tQVWH
5,6
Data valid to WR high
3tCLCL
+tCLCX-207
75
3tCLCL
+tCLCX-103
37.5
ns
tRLAZ
3,4
RD low to address float
0
0
0
0
ns
tWHLH
3,4, 5,6
RD or WR high to ALE high
tCHCX-24
tCHCX+25
9
75
tCHCX-11
tCHCX+12
5
37
ns
External Clock
tCHCX
12
High time
33
tCLCL-tCLCX
33
50
16
tCLCL-tCLCX
16
24.5
ns
tCLCX
12
Low time
33
tCLCL-tCHCX
33
50
16
tCLCL-tCHCX
16
24.5
ns
tCLCH
12
Rise time
8
8
4
4
ns
tCHCL
12
Fall Time
8
8
4
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com