Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 15Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 16Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 17Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 18Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 19Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 20Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 21Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 22Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
2001 Apr 06
19
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
DC ELECTRICAL CHARACTERISTICS
VDD = 2.7V to 5.5V unless otherwise specified;
Tamb = 0 to +70°C for commercial, unless otherwise specified.
Notes:
1. Typical ratings are not guaranteed. The values listed are at room temperature (+25°C), 5V, unless otherwise stated.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOL of ALE and ports 1, 3 and 4.
The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0
transitions during bus operations. In the worst cases (capacitive loading>100 pF), the noise pulse on the ALE pin may exceed
0.8 V. In such cases, it may be desirable to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger
STROBE input. IOL can exceed these conditions provided that no single output sinks more than 5mA and no more than two
outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VDD-0.7V
specification when the address bits are stabilizing.
4. Pins of ports 1, 2, 3 and 4 source a transition current when they are being externally driven from 1 to 0. The transition current
reaches its maximum value when VIN is approximately 2 V for 4.5V < VDD < 5.5V.
5. See Figures 13 through 16 for ICC test conditions. fOSC is the oscillator frequency in MHz.
6. This value applies to Tamb = 0°C to +70°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP1
MAX
VIL
Input low voltage
-0.5
0.2VDD-0.1
V
VIH
Input high voltage (ports 0, 1, 2, 3,
4, EA)
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VOL
Output low voltage, ports 1, 2, 3, 48 VDD = 2.7V, IOL = 1.6mA
0.4
V
VOL1
Output low voltage, port 0, ALE,
PSEN7,8
VDD = 2.7V, IOL = 3.2mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3, 4
VDD = 4.5V, IOH = -30µA
VDD - 0.7
V
VDD = 2.7V, IOH = -10µA
VOH1
Output high voltage (port 0 in
external bus mode), ALE9, PSEN3
VDD = 2.7V, IOH = -3.2mA
VDD - 0.7
V
IIL
Logical 0 input current, ports 1, 2,
3, 4
VIN = 0.4V
-1
-75
µA
ITL
Logical 1 -to-0 transition current,
ports 1, 2, 3, 48
4.5V < VDD < 5.5V,
VIN = 2.0V, See Note 4
-650
µA
IL1
Input leakage current, port 0
0.45 < VIN < VDD-0.3
±10
µA
ICC
Power supply current
Active mode (see Note 5)
VDD = 5.5V
7 +
2.7 /MHz × fOSC
mA
VDD = 3.6V
4 +
1.3 /MHz × fOSC
Idle mode (see Note 5)
VDD = 5.5V
4 +
1.3 /MHz × fOSC
mA
VDD = 3.6V
1 +
1.0 /MHz × fOSC
Power-down mode or clock
stopped (see Figure 16 for
conditions)
VDD = 5.0V
20
µA
VDD = 5.5V
100
µA
RRST
Internal reset pull-down resistor
40
225
k
Ω
C10
Pin capacitance10 (except EA)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com