Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2BA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 18Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 19Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 20Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 21Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 22Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 23Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 24Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 25Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
2001 Apr 06
22
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
Notes:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the microcontroller to devices with float times up to 45ns is permitted. This limited bus contention will not cause
damage to Port 0 drivers.
4. Parts are tested down to 2 MHz, but are guaranteed to operate down to 0Hz.
Shift Register
tXLXL
7
Serial port clock cycle time
6tCLCL
500
6tCLCL
250
ns
tQVXH
7
Output data setup to clock rising
edge
5tCLCL-221
195
5tCLCL-110
98
ns
tXHQX
7
Output data hold after clock rising
edge
tCLCL-50
34
tCLCL-25
17
ns
tXHDX
7
Input data hold after clock rising
edge
0
0
0
0
ns
tXHDV
7
Clock rising edge to input data valid
5tCLCL-222
195
5tCLCL-111
97
ns
SPI Interface
fSPI
Operating frequency
MHz
- 3.0MHz
0
3.0
0
3.0
0
3.0
0
3.0
- 6.0MHz
-
-
-
-
0
6.0
0
6.0
tSPICYC
8, 9, 10, 11
Cycle time
ns
- 3.0MHz
333
333
333
333
- 6.0MHz
-
-
166
166
tSPILEAD
10, 11
Enable lead time (Slave)
ns
- 3.0MHz
TBD
TBD
TBD
TBD
- 6.0MHz
-
-
TBD
TBD
tSPILAG
10, 11
Enable lag time (Slave)
ns
- 3.0MHz
TBD
TBD
TBD
TBD
- 6.0MHz
-
-
TBD
TBD
tSPICLKH 8, 9, 10, 11
SPICLK high time
ns
- Master
TBD
TBD
TBD
TBD
- Slave
TBD
TBD
TBD
TBD
tSPICLKL
8, 9, 10, 11
SPICLK low time
ns
- Master
TBD
TBD
TBD
TBD
- Slave
TBD
TBD
TBD
TBD
tSPIDSU
8, 9, 10, 11 Data setup time (Master or Slave)
TBD
TBD
TBD
TBD
ns
tSPIDH
8, 9, 10, 11 Data hold time (Master or Slave)
TBD
TBD
TBD
TBD
ns
tSPIA
10, 11
Access time (Slave)
TBD
TBD
TBD
TBD
ns
tSPIDIS
10, 11
Disable time (Slave)
ns
- 3.0MHz
TBD
TBD
TBD
TBD
- 6.0MHz
TBD
TBD
TBD
TBD
tSPIDV
8, 9, 10, 11
Enable to output data valid
ns
- 3.0MHz
TBD
TBD
TBD
TBD
- 6.0MHz
-
-
TBD
TBD
tSPIOH
8, 9, 10, 11 Output data hold time
0
0
0
0
ns
tSPIR
8, 9, 10, 11
Rise time
ns
- SPI outputs (SPICLK,MOSI, MISO)
TBD
TBD
TBD
TBD
- SPI inputs (SPICLK,MOSI, MISO,
SS)
TBD
TBD
TBD
TBD
tSPIF
8, 9, 10, 11
Fall time
ns
- SPI outputs (SPICLK,MOSI, MISO)
TBD
TBD
TBD
TBD
- SPI inputs (SPICLK,MOSI, MISO,
SS)
TBD
TBD
TBD
TBD
SYMBOL FIGURE(S)
PARAMETER
2.7V < VDD < 5.5V
4.5V < VDD < 5.5V
UNIT
Variable Clock4
fOSC=12MHz
4
Variable Clock4
fOSC=24MHz
4
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com