Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 12Page - STMicroelectronics TDA7703 Datasheet HTML 13Page - STMicroelectronics TDA7703 Datasheet HTML 14Page - STMicroelectronics TDA7703 Datasheet HTML 15Page - STMicroelectronics TDA7703 Datasheet HTML 16Page - STMicroelectronics TDA7703 Datasheet HTML 17Page - STMicroelectronics TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Electrical specifications
TDA7703
16/32
Rev 1
3.4.4
Phase locked loop
3.4.5
Audio DAC
3.4.6
IO interface pins
Table 9.
Phase locked loop
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Tsettle
Settling time FM
Δf < 10 kHz
300
µs
FM step
FM frequency step
5
kHz
AM step
AM frequency step
500
Hz
Table 10.
Audio DAC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Vout
Output voltage
AM 90% modulation;
FM 75 kHz deviation.
400 Hz audio frequency
300
mVrms
BW
Bandwidth
1 dB attenuation
15
KHz
Rout
Output resistance
600
750
900
Ω
Table 11.
IO interface pins
Symbol
Parameter
Test condition
Min
Typ
Max
Units
High level output voltage
Iout = 500µA
2.9
3.2
V
Low level output voltage
Iout = -1mA
0.1
0.3
V
Input voltage range
0
3.5
V
High level input voltage
2.0
V
Low level input voltage
0.8
V
Treset
Reset time
Minimum time during which
pin RSTN must be low so as
to reset the device
10
µs
Tlatch
Boot mode configuration latch
time
Minimum time during which
the voltage applied at pin 29
must be kept in order to latch
the correct boot mode (serial
bus configuration)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com