Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 24Page - STMicroelectronics TDA7703 Datasheet HTML 25Page - STMicroelectronics TDA7703 Datasheet HTML 26Page - STMicroelectronics TDA7703 Datasheet HTML 27Page - STMicroelectronics TDA7703 Datasheet HTML 28Page - STMicroelectronics TDA7703 Datasheet HTML 29Page - STMicroelectronics TDA7703 Datasheet HTML 30Page - STMicroelectronics TDA7703 Datasheet HTML 31Page - STMicroelectronics TDA7703 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Weak signal processing
TDA7703
28/32
Rev 1
5.2.3
High cut control
Table 28.
High cut control
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
HCFSsp
Start point vs. field strength
minimum RF level for widest
HC filter (filter # 7)
no multipath present
040
50
dBµV
HCFSep
End point vs. field strength
maximum RF level for
narrowest HC filter (filter # 0)
no multipath present
030
50
dBµV
HCFStW2N
Field strength-related
transition time from wide to
narrow band
Vrf step-like variation from
60 dBµV to 10 dBµV
0.001
0.2
20
s
HCFStN2W
Field strength-related
transition time from narrow to
wide band
Vrf step-like variation from
0 dBµV to 60 dBµV
0.001
10
20
s
HCnumFilt
Number of discrete HC filters
-
8
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com