Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics TDA7703 Datasheet HTML 22Page - STMicroelectronics TDA7703 Datasheet HTML 23Page - STMicroelectronics TDA7703 Datasheet HTML 24Page - STMicroelectronics TDA7703 Datasheet HTML 25Page - STMicroelectronics TDA7703 Datasheet HTML 26Page - STMicroelectronics TDA7703 Datasheet HTML 27Page - STMicroelectronics TDA7703 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Weak signal processing
TDA7703
24/32
Rev 1
5
Weak signal processing
All the parameters in this section refer to the programmability of the DSP part of the device.
The typical values are those set by default parameters (start-up without parametric change
from main µP); the max and the min values refer to the programmability range. The values
are referred to the typical application. Wherever the possible values are a discrete set, all
the possible programmable values are displayed.
5.1
FM IF-processing
5.1.1
Dynamic channel selection filter (DISS)
5.1.2
Soft mute
Table 19.
Dynamic channel selection filter (DISS)
(discrete set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DISS BW
IF filter #2
response: - 3dB
-±80
-
kHz
IF filter #1
-
±60
-
kHz
IF filter #0
-
±40
-
kHz
Table 20.
Soft mute
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
SMsp
Start point vs. field strength
audio atten = 1 dB
read “FM_softmute”
no adjacent channel present
0
6
20
dBµV
SMep
End point vs. field strength
audio atten = SMd + 1 dB
read “FM_softmute”
no adjacent channel present
-6
-6
10
dBµV
SMd
Depth
-30
-15
0
dB
SMtauatt
Field strength LPF cut-off
frequency for soft mute
activation
0.1
100
4000
Hz
SMtaurel
Field strength LPF cut-off
frequency for soft mute
release
0.1
1
4000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com