Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 13Page - STMicroelectronics TDA7703 Datasheet HTML 14Page - STMicroelectronics TDA7703 Datasheet HTML 15Page - STMicroelectronics TDA7703 Datasheet HTML 16Page - STMicroelectronics TDA7703 Datasheet HTML 17Page - STMicroelectronics TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TDA7703
Electrical specifications
Rev 1
17/32
3.4.7
I2C interface
The parameters of the following table are defined as in Figure 5.
Figure 5.
I2C bus timing diagram
Table 12.
I2C interface
Symbol
Parameter
Test condition
Min
Typ
Max
Units
fSCL
SCL Clock frequency
500
kHz
tAA
SCL low to SDA data valid
0.3
µs
tbuf
time the bus must be kept free
before a new transmisison
1.3
µs
tHD-STA
START condition hold time
0.6
µs
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
0.6
µs
tSU-SDA
START condition setup time
0.1
µs
tHD-DAT
Data input hold time
0.3
0.9
µs
tSU-DAT
Data input setup time
0.1
µs
tR
SDA & SCL rise time
0.3
µs
tF
SDA & SCL fall time
0.3
µs
tSU-STOP
Stop condition setup time
0.6
µs
tDH
Data out time
0.3
µs
D95AU378A
tHIGH
tR
tLOW
tF
SCL
SDA IN
SDA OUT
tSU-STA
tHD-SDA
tHD-DAT
tSU-DAT
tSU-STOP
tbuf
tAA
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com