Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 17Page - STMicroelectronics TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics TDA7703 Datasheet HTML 22Page - STMicroelectronics TDA7703 Datasheet HTML 23Page - STMicroelectronics TDA7703 Datasheet HTML 24Page - STMicroelectronics TDA7703 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TDA7703
Electrical specifications
Rev 1
21/32
3.5.3
AM LW overall system performance
Antenna level equivalence: 0dBµV = 1µVrms
Figure 8.
AM LW input set-up
Level referred to SG output before antenna dummy (Vrf, node 'A'); capacitive dummy
15pF+68pF; FM input not connected. Frf = 216 kHz, Vrf =74 dBµV, mod = 30 %, faudio = 400
Hz, unless otherwise specified.
Table 15.
AM LW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range LW
(can be modified by the user)
144
288
kHz
Tuning step LW
(can be modified by the user)
1
kHz
Sensitivity
S/N =20dB
31
34
dBµV
Ultimate S/N
@ 80 dBµV
63
66
dB
AGC F.O.M.
Ref.=74 dBµV
-10dB drop point
50
62
65
dB
Distortion
m = 80 %
0.1
%
Image rejection
80
dB
PCB
UNDER
TEST
30
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
15pF
68pF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com