Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics TDA7703 Datasheet HTML 22Page - STMicroelectronics TDA7703 Datasheet HTML 23Page - STMicroelectronics TDA7703 Datasheet HTML 24Page - STMicroelectronics TDA7703 Datasheet HTML 25Page - STMicroelectronics TDA7703 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Front-end processing
TDA7703
22/32
Rev 1
4
Front-end processing
All the parameters in this section refer to the programmability of the FE part of the device
(registers). The part of the registers that are not described here have either fixed values or
values written by the tuner drivers, and are described in the proper technical documentation
(Communication Protocol manual).
Table 16.
Register 0x00
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
AM AGC mode
0
LNA and PIN diode
1
PIN diode only
AM AGC time constant
0
0
slow (125 ms with 1 µF)
0
1
medium (25 ms with 1 µF)
1
1
fast (5 ms with 1 µF)
AM AGC threshold @ mixin
0
0
0
90 dBµV
0
0
1
91 dBµV
0
1
0
92 dBµV
0
1
1
93 dBµV
1
0
0
90 dBµV
1
0
1
89 dBµV
1
1
0
88 dBµV
1
1
1
87 dBµV
AM AGC attack time constant
0
normal
1
fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com