Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics TDA7703 Datasheet HTML 22Page - STMicroelectronics TDA7703 Datasheet HTML 23Page - STMicroelectronics TDA7703 Datasheet HTML 24Page - STMicroelectronics TDA7703 Datasheet HTML 25Page - STMicroelectronics TDA7703 Datasheet HTML 26Page - STMicroelectronics TDA7703 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TDA7703
Front-end processing
Rev 1
23/32
Table 17.
Register 0x01
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
FM mixer gain
0high
1low
FM AGC time constant
0
normal
1
fast
FM AGC output mode
00
normal
01
constant 15 mA
10
constant 1 mA
Table 18.
Register 0x02
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
FM RF AGC threshold @
mixin
0
0 87 dBµV
0
1 89 dBµV
1
0 91 dBµV
1
1 93 dBµV
FM iF AGC threshold @
IFADC in
0
0
120 dBµV
0
1
122 dBµV
1
0
124 dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com