Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 15Page - STMicroelectronics TDA7703 Datasheet HTML 16Page - STMicroelectronics TDA7703 Datasheet HTML 17Page - STMicroelectronics TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics TDA7703 Datasheet HTML 20Page - STMicroelectronics TDA7703 Datasheet HTML 21Page - STMicroelectronics TDA7703 Datasheet HTML 22Page - STMicroelectronics TDA7703 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TDA7703
Electrical specifications
Rev 1
19/32
Max. strong signal interferer
(Vu/Vd)
Desired = 40 dBµV
SINAD = 30dB
Undesired
ΔF = 5MHz
dev = 40kHz, 1kHz
75
dB
3 signal performance
(Vu1 & Vu2/Vd)
(1)
Desired = 40 dBµV,
dev=40kHz, 400Hz,
SINAD=30dB
Undesired1 =±400kHz,
dev=40kHz, 1 kHz
Undesired2=±800kHz, no
mod
62
dB
Desired = 40 dBµV,
dev=40kHz, 400Hz,
SINAD=30dB
Undesired1 =±1MHz,
dev=40kHz, 1 kHz
Undesired2=±2MHz, no mod
65
dB
AM suppression
m=30%
70
dB
Image rejection
80
dB
Logarithmic field strength
indicator
@40 dBµV
read “FM_Smeter_log”
-0.33
(equiv.
to 37
dBµV)
-0.3
-0.27
(equiv.
to 43
dBµV)
-
1.
Signal levels referred to combiner output.
Table 13.
FM overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com