Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 7Page - STMicroelectronics TDA7705 Datasheet HTML 8Page - STMicroelectronics TDA7705 Datasheet HTML 9Page - STMicroelectronics TDA7705 Datasheet HTML 10Page - STMicroelectronics TDA7705 Datasheet HTML 11Page - STMicroelectronics TDA7705 Datasheet HTML 12Page - STMicroelectronics TDA7705 Datasheet HTML 13Page - STMicroelectronics TDA7705 Datasheet HTML 14Page - STMicroelectronics TDA7705 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TDA7705
Function description
Doc ID 15938 Rev 9
11/42
2.6
IF A/D converters
A high performance IQ-IFADC converts the IF-signal to digital IF for subsequent digital
signal processing.
2.7
Audio D/A converters
A stereo DAC provides the left / right audio signals after IF-processing and stereodecoding
by the DSP.
2.8
VCO
The VCO is fully integrated without any external tuning component. It covers all FM
frequency bands including EU, US , Japan, EastEU, Weatherband and AM-bands including
LW, MW, SW.
2.9
PLL
The high speed tuning PLL is able to settle within about 300 µs for fast RDS applications.
The frequency step can be as low as 5 kHz in FM and 500 Hz in AM.
2.10
Crystal oscillator
The device works with a 37.05 MHz fundamental tone crystal, and can be used also with a
3rd overtone 37.05 MHz crystal.
2.11
DSP
The DSP and its hardware accelerators perform all the digital signal processing. The main
program is fixed in ROM. Control parameters are copied in RAM and are accessible and
modifiable there, thus allowing parametric performance optimization.
It performs:
digital down-conversion of IF
bandwidth selection with variable controlled bandwidth
FM and AM noiseblanking
FM/AM demodulation with softmute, high-cut, weak signal processing and quality
detection
FM stereo decoding with stereo blend
RDS demodulation including error correction and block synchronization with generation
of an RDS interrupt for the main µP
Autonomous control of RDS-AF tests
Self alignment of preselection tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com