Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 11Page - STMicroelectronics TDA7705 Datasheet HTML 12Page - STMicroelectronics TDA7705 Datasheet HTML 13Page - STMicroelectronics TDA7705 Datasheet HTML 14Page - STMicroelectronics TDA7705 Datasheet HTML 15Page - STMicroelectronics TDA7705 Datasheet HTML 16Page - STMicroelectronics TDA7705 Datasheet HTML 17Page - STMicroelectronics TDA7705 Datasheet HTML 18Page - STMicroelectronics TDA7705 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
TDA7705
Function description
Doc ID 15938 Rev 9
15/42
Figure 5.
SPI modes
In the case of the TDA7705, the data are latched on the clock's rising edge, with CPOL = 1
and CPHA = 1 (mode 3 in the figure above). According to the specification of this mode, the
polarity of the CLK line when no communication is taking place is high.
A "write" communication example is shown in the figure below, for an unspecified number of
bits (see the relevant technical documentation for frame structure description):
Figure 6.
SPI "write" sequence
The start condition is signaled by the CS line going low, and the stop condition by the CS
line going high. It is not allowed to toggle the CS line while the communication is going on.
A "read" communication example is shown in the figure below, for an unspecified number of
bits (see the relevant technical documentation for frame structure description ):
Figure 7.
SPI "read" sequence
The red line is controlled by the TDA7705, whereas the black lines are controlled by the µP.
...
...
LSB
...
...
...
...
...
...
...
...
CS
CLK
MOSI
MSB
LSB
...
...
LSB
MSB
...
...
...
...
MISO
...
CLK
MOSI
MSB
...
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com