Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 21Page - STMicroelectronics TDA7705 Datasheet HTML 22Page - STMicroelectronics TDA7705 Datasheet HTML 23Page - STMicroelectronics TDA7705 Datasheet HTML 24Page - STMicroelectronics TDA7705 Datasheet HTML 25Page - STMicroelectronics TDA7705 Datasheet HTML 26Page - STMicroelectronics TDA7705 Datasheet HTML 27Page - STMicroelectronics TDA7705 Datasheet HTML 28Page - STMicroelectronics TDA7705 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 9
25/42
3.5.2
AM MW overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms.
Figure 11.
AM MW input set up
Level referred to SG output before antenna dummy (Vrf, node 'A'); capacitive dummy
15pF+68pF, FM input not connected. Frf = 999 kHz (1000 kHz for US), Vrf =74 dBµV,
mod = 30%, faudio =400 Hz, unless otherwise specified.
Image rejection
-
-
80
-
dB
Logarithmic field strength
indicator
@40 dBµV
read “FM_Smeter_log”
-0.33
(equiv.
to 37
dBµV)
-0.3
-0.27
(equiv.
to 43
dBµV)
--
1.
Signal levels referred to combiner output.
Table 17.
FM overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units
Table 18.
AM MW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range MW Eu/Jp
(can be modified by the user)
531
-
1629
kHz
Tuning step MW Eu/Jp
(can be modified by the user)
-
9
-
kHz
Tuning range MW US
(can be modified by the user)
530
-
1710
kHz
Tuning step MW US
(can be modified by the user)
-
10
-
kHz
Sensitivity
S/N = 20 dB
-
27
30
dBµV
Ultimate S/N
@ 80 dBµV
63
66
-
dB
AGC F.O.M.
Ref.=74 dBµV
-10dB drop point
50
62
65
dB
Distortion
m = 80 %
-
0.1
-
%
Adjacent channel selectivity
F=9 kHz, SINAD = 26 dB
undesired. m=30%, 1 kHz
-42
-
dB
Alternate channel selectivity
F=18 kHz, SINAD=26 dB
undesired. m=30%, 1kHz
-50
-
dB
PCB
UNDER
TEST
30
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
15pF
68pF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com