Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 29Page - STMicroelectronics TDA7705 Datasheet HTML 30Page - STMicroelectronics TDA7705 Datasheet HTML 31Page - STMicroelectronics TDA7705 Datasheet HTML 32Page - STMicroelectronics TDA7705 Datasheet HTML 33Page - STMicroelectronics TDA7705 Datasheet HTML 34Page - STMicroelectronics TDA7705 Datasheet HTML 35Page - STMicroelectronics TDA7705 Datasheet HTML 36Page - STMicroelectronics TDA7705 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
TDA7705
Weak signal processing
Doc ID 15938 Rev 9
33/42
5
Weak signal processing
All the parameters in this section refer to the programmability of the DSP part of the device.
The typical values are those set by default parameters (start-up without parametric change
from main µP); the max and the min values refer to the programmability range. The values
are referred to the typical application (Figure 16: Example of FM tuned (narrow-band)
application / SPI control). Wherever the possible values are a discrete set, all the possible
programmable values are displayed.
5.1
FM IF-processing
5.1.1
Dynamic channel selection filter (DISS)
5.1.2
Soft mute
Table 26.
Dynamic channel selection filter (DISS)
(discrete set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DISS BW
IF filter #6
response: - 3dB
-
±150
-
kHz
IF filter #5
-
±110
-
kHz
IF filter #4
-
±80
-
kHz
IF filter #3
-
±60
-
kHz
IF filter #2
-
±45
-
kHz
IF filter #1
-
±35
-
kHz
IF filter #0
-
±25
-
kHz
Table 27.
Soft mute
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
SMsp
Start point vs. field strength
audio atten = 1 dB
read “FM_softmute”
no adjacent channel present
0
6
20
dBµV
SMep
End point vs. field strength
audio atten = SMd + 1 dB
read “FM_softmute”
no adjacent channel present
-6
-6
10
dBµV
SMd
Depth
-
-30
-15
0
dB
SMtauatt
Field strength LPF cut-off
frequency for soft mute
activation
-
0.1
100
4000
Hz
SMtaurel
Field strength LPF cut-off
frequency for soft mute
release
-
0.1
1
4000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com