Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 8Page - STMicroelectronics TDA7705 Datasheet HTML 9Page - STMicroelectronics TDA7705 Datasheet HTML 10Page - STMicroelectronics TDA7705 Datasheet HTML 11Page - STMicroelectronics TDA7705 Datasheet HTML 12Page - STMicroelectronics TDA7705 Datasheet HTML 13Page - STMicroelectronics TDA7705 Datasheet HTML 14Page - STMicroelectronics TDA7705 Datasheet HTML 15Page - STMicroelectronics TDA7705 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Function description
TDA7705
12/42
Doc ID 15938 Rev 9
2.12
IO interface pins
The TDA7705 has the following IO pins:
The pins labeled GPIO0, 1, 2 and 3 (pins 43 to 40) are reserved.
The pin PLLTEST output voltage can be freely programmed via software and be used to
drive switches if needed by the application.
All the inputs are voltage-tolerant up to 3.5 V . The outputs can drive currents up to 0.5 mA
from the internal 3.3 V supply line.
2.13
Serial interface
The device is controlled with a standard I2C bus or SPI interface.
Through the serial bus the processing parameters can be modifed and the signal quality
parameters and the RDS information can be read out.
The operation of the device is handled through high level commands sent by the main car-
radio µP through the serial interface, which allow to simplify the operations carried out in the
main µP. The high level commands include among others:
set frequency (which allows to avoid computing the PLL divider factors);
start seek (the seek operation can be carried out by the TDA7705 in a completely
autonomous fashion);
RDS seek/search (jumps to AF and quality measurements are automatically
sequenced).
2.13.1
Serial interface choice / boot mode
The device can communicate with the main µP with two different standard serial protocols:
SPI and I2C. The configuration is chosen by setting the proper value (0V or 3.3V) at pins 35
and 39 and it is latched (e.g. made effective) when the RSTN line transitions from low to
high (when RSTN is low, the IC is in reset mode).
The voltage level forced to pins 35 and 39 must be released to start the system operation a
suitable time after the RSTN line has gone high.
The list of configurations is shown in the following table:
PLLTEST
pin 2
general purpose output
SPI_CS
pin 34
serial communication with µP
SPI_MISO
pin 35
serial communication with µP
SDA/MOSI
pin 36
serial communication with µP
SCL/CLK
pin 37
serial communication with µP
RDSINT
pin 39
serial communication with µP
RSTN
pin 45
reset pin driven by µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com