Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 32Page - STMicroelectronics TDA7705 Datasheet HTML 33Page - STMicroelectronics TDA7705 Datasheet HTML 34Page - STMicroelectronics TDA7705 Datasheet HTML 35Page - STMicroelectronics TDA7705 Datasheet HTML 36Page - STMicroelectronics TDA7705 Datasheet HTML 37Page - STMicroelectronics TDA7705 Datasheet HTML 38Page - STMicroelectronics TDA7705 Datasheet HTML 39Page - STMicroelectronics TDA7705 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Weak signal processing
TDA7705
36/42
Doc ID 15938 Rev 9
5.1.6
Stereo decoder
5.2
AM IF-processing
5.2.1
Channel selection filter
5.2.2
Soft mute
Table 31.
De-emphasis filter
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DEtc
De-emphasis time constant 1
-
-
50
-
µs
De-emphasis time constant 2
-
-
75
-
Table 32.
Stereo decoder
Symbol
Parameter
Test condition
Min
Typ
Max
Units
PilSup
Pilot signal suppression
Pilot 9%, 19 kHz, ref=40 kHz
-
60
-
dB
SubcSup
Subcarrier suppression
f = 38 kHz
-
70
-
dB
f = 57 kHz
-
70
-
dB
f = 76 kHz
-
80
-
dB
Table 33.
Channel selection filter
Symbol
Parameter
Test condition
Min
Typ
Max
Units
CSF BW
Channel selection filter BW
response: - 3dB
-
±3.7
-
kHz
Table 34.
Soft mute
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
SMsp
Start point vs. field strength
audio atten = 1 dB
read “FM_softmute”
no adjacent channel present
025
40
dBµV
SMep
End point vs. field strength
audio atten = SMd + 1 dB
read “FM_softmute”
no adjacent channel present
0
0
30
dBµV
SMd
Depth
-
-40
-24
0
dB
SMtauatt
Transition time for field
strength-dependent soft mute
activation
-
0.001
0.1
10
s
SMtaurel
Transition time for field
strength-dependent soft mute
release
-
0.001
3
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com