Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 16Page - STMicroelectronics TDA7705 Datasheet HTML 17Page - STMicroelectronics TDA7705 Datasheet HTML 18Page - STMicroelectronics TDA7705 Datasheet HTML 19Page - STMicroelectronics TDA7705 Datasheet HTML 20Page - STMicroelectronics TDA7705 Datasheet HTML 21Page - STMicroelectronics TDA7705 Datasheet HTML 22Page - STMicroelectronics TDA7705 Datasheet HTML 23Page - STMicroelectronics TDA7705 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Electrical specifications
TDA7705
20/42
Doc ID 15938 Rev 9
3.4.7
Audio DAC
3.4.8
IO interface pins
Table 13.
Audio DAC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Vout
Max. output voltage
Full scale
-
1
-
Vrms
BW
Bandwidth
1dB attenuation
-
15
-
KHz
Rout
Output resistance
-
600
750
900
VN, out
Output noise
-
-
60
95
µVrms
THD
Distortion
-6 dBFS
-
0.03
0.04
%
Table 14.
IO interface pins
Symbol
Parameter
Test condition
Min
Typ
Max
Units
-
High level output voltage (all
IOs except GPO pin 2)
Iout = 500 µA
2.9
3.2
-
V
-
GPIOs source current (all IOs
in source mode except pin 2)
Total sourced current by all
GPIOs
-
-
1.25
mA
-
Low level output voltage (all
IOs except GPO pin 2)
Iout = -1 mA
-
0.1
0.3
V
-
Input voltage range
-
0
-
3.5
V
-
High level input voltage
-
2.0
-
-
V
-
Low level input voltage
-
-
-
0.8
V
Treset
Reset time
Minimum time during which
pin RSTN must be low so as
to reset the device
10
-
-
µs
Tlatch
Boot mode configuration latch
time
Minimum time during which
the voltage applied at pins 25
and 39 must be kept in order
to latch the correct boot mode
(serial bus configuration)
10
-
-
µs
-
GPO PLLTEST (pin 2) max
source current
--
-
1
mA
-
GPO PLLTEST (pin 2) max
sink current
--1
-
mA
-
GPO PLLTEST (pin 2)
minimum high level output
voltage
Iout = 1 mA
2.8
3.1
-
V
GPO PLLTEST (pin 2)
maximum high level output
voltage
Iout = 1 mA
-
0.1
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com