Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 31Page - STMicroelectronics TDA7705 Datasheet HTML 32Page - STMicroelectronics TDA7705 Datasheet HTML 33Page - STMicroelectronics TDA7705 Datasheet HTML 34Page - STMicroelectronics TDA7705 Datasheet HTML 35Page - STMicroelectronics TDA7705 Datasheet HTML 36Page - STMicroelectronics TDA7705 Datasheet HTML 37Page - STMicroelectronics TDA7705 Datasheet HTML 38Page - STMicroelectronics TDA7705 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TDA7705
Weak signal processing
Doc ID 15938 Rev 9
35/42
5.1.5
High cut control
Table 30.
High cut control
(continuous set)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
HCFSsp
Start point vs. field strength
minimum RF level for widest
HC filter (filter # 7)
no multipath present
050
50
dBµV
HCFSep
End point vs. field strength
maximum RF level for
narrowest HC filter (filter # 0)
no multipath present
030
40
dBµV
HCFStW2N
Field strength-related
transition time from wide to
narrow band
Vrf step-like variation from
60 dBµV to 10 dBµV
(1)
-
HCFStN2W
Field strength-related
transition time from narrow to
wide band
Vrf step-like variation from
0 dBµV to 60 dBµV
(1)
14
100
s
HCMPsp
Start point vs. multipath
minimum RF level for widest
HC filter (filter # 7)
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
5
10
150 (2)
%
HCMPep
End point vs. multipath
maximum RF level for
narrowest HC filter (filter # 0)
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
5
30
150 (2)
%
HCMPtN2W
Multipath -related transition
time from narrow to wide
band
Vrf step-like variation from
20 dBµV to 80 dBµV
0.001
0.001
20
s
HCMPtW2N
Multipath -related transition
time from wide to narrow
Vrf step-like variation from
80 dBµV to 20 dBµV
0.001
0.001
20
s
HCmaxBW
Maximum cut-off frequency of
high cut filter bank
Filter #7, -3 dB response
frequency, input signal with
pre-emphasis
HCmin
BW
14
18
kHz
HCminBW
Minimum cut-off frequency of
high cut filter bank
Filter #0, -3 dB response
frequency, input signal with
pre-emphasis
0.1
3
HCma
xBW
kHz
HCnumFilt
Number of discrete HC filters
-
-
8 (3)
--
1.
Depends only on field strength filter time constant.
2.
Means that 100% equivalent 19 kHz AM modulation depth will not achieve full band narrowing.
3.
Intermediate filters (#6 - #1) cut-off frequencies exponentially spaced between HCmaxBW and HCminBW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com