Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 5 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 5 Page - Silicon Laboratories

  AMS002-R Datasheet HTML 1Page - Silicon Laboratories AMS002-R Datasheet HTML 2Page - Silicon Laboratories AMS002-R Datasheet HTML 3Page - Silicon Laboratories AMS002-R Datasheet HTML 4Page - Silicon Laboratories AMS002-R Datasheet HTML 5Page - Silicon Laboratories AMS002-R Datasheet HTML 6Page - Silicon Laboratories AMS002-R Datasheet HTML 7Page - Silicon Laboratories AMS002-R Datasheet HTML 8Page - Silicon Laboratories AMS002-R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
General Description, Section 1
ADS-MS00x-107R • Preliminary Data Sheet
Page | 1
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
1 General Description
The family of AMS00x ‘Bobcat’ modules from ACKme
Networks is based on an ultra-low power Bluetooth
Low Energy (Bluetooth Smart) SoC from Broadcom Cor-
poration. All modules incorporate serial-flash memory
and a printed antenna to provide a state-of-the-art ful-
ly-certified Bluetooth 4.1 solution.
An integrated solution avoids difficult RF layout and
enables designers to rapidly embed Bluetooth Low En-
ergy into virtually any device.
The AMS001 (Low Power) version slashes active power
consumption for applications requiring multi-year bat-
tery life, while the AMS002 (Low Cost) version provides
the lowest cost solution suitable for price sensitive ap-
plications. The modules are 100% footprint compatible.
Modules ship with ACKme TruConnect, an easy-to-use
application enabling control and configuration via
UART-serial and remote terminal interfaces. TruCon-
nect virtually eliminates difficult and time-consuming
software development effort and vastly reduces prod-
uct development cycles.
With dimensions of just 17.6 x 11.4 mm, a wide tem-
perature range, and an ultra-low power version, the
module is suitable for integration into any battery-
powered embedded wireless application.
The Bluetooth Low Energy SoC from Broadcom is pur-
pose-designed to support the entire spectrum of Blue-
tooth Smart use cases for medical, home automation,
accessory, sensor, retail and wearable market seg-
ments. Superior receive sensitivity, an integrated RF
transmit power amplifier and transmit/receive switch,
along with the on-board antenna, provide extended
range and full compatibility with all Bluetooth 4.1 de-
vices.
At the heart of all AMS00x modules is a Bluetooth Low
Energy SoC with a high-performance ARM® 32-bit Cor-
tex™-M3 core operating at a frequency of 24 MHz. The
SoC includes is configured to boot applications stored in
the 8 Mbit serial flash memory available on-board the
module.
The Broadcom BLE SoC supports Adaptive Frequency
Hopping.
Each module provides an extensive array of I/O and
peripheral interfaces. The following interfaces are
available, many of which are accessible with I/O multi-
plexing and alternate function capabilities:
7 x A/D converter channels
 2 x UART interfaces: 1 x 4-wire, 1 x 2-wire
 1 x SPI master, 1 x SPI slave bus
 1 x I2C interface
 Up to 12 x ultra-low power wake input
 32kHz crystal interface
The module may be powered directly from a battery
supply in the range 1.8-3.6V including 2xAAA, 2xAA, or
a single Lithium coin cell.
Internal power domains are automatically adjusted to
minimize power dissipation based on user activity. Var-
ious power modes, including an ultra-low power deep
sleep mode, are provided to minimize total average
power consumption and maximize battery life.
Custom factory settings may be saved to a non-erasable
area of static memory to enable out-of-the-box custom
product configuration and the ability to return products
incorporating the module to a known factory reset
state.
The module may be woken from deep sleep mode by a
level transition on the GPIO assigned for stream mode
selection. Other GPIOs may be dynamically allocated for
control and status including a BLE connection indicator,
serial bus mode control and status indicator, audible
alerts and factory reset.
An internal 32kHz low-power oscillator is available by
default for non-critical timing requirements. Applica-
tions requiring an accurate real-time clock may connect
an (optional) external 32kHz crystal.
All versions of the module have Bluetooth BQB SIG cer-
tification, and FCC & IC modular approval for use in the
United States and Canada, and CE approval for use in
Europe and other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com