Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 9Page - Silicon Laboratories AMS002-R Datasheet HTML 10Page - Silicon Laboratories AMS002-R Datasheet HTML 11Page - Silicon Laboratories AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories AMS002-R Datasheet HTML 15Page - Silicon Laboratories AMS002-R Datasheet HTML 16Page - Silicon Laboratories AMS002-R Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Pinout and Signal Descriptions, Section 5
ADS-MS00x-107R • Preliminary Data Sheet
Page | 9
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
11
GPIO_6
I/O
GPIO
SPI_MOSI (Master), FACTORY_RESET3
12
GPIO_7
N/C
Reserved4
Reserved. Not available as digital I/O
13
GPIO_8
I/O
GPIO
SPI_MISO (Master)
14
GPIO_9
I/O
GPIO
SPI_CLK (Master)
15
GPIO_102
I/O
GPIO
ADC, PWM
16
GPIO_11
I/O
GPIO
ADC, PWM
17
GPIO_12
I/O
GPIO
SPI_CS (Master), ADC
18
GPIO_132
I/O
GPIO
ADC, PWM, XOSC32_OUT
19
GND
S
Ground
-
20
GPIO_142
I/O
GPIO
ADC, PWM, XOSC32K_IN
21
VDD
S
VDD
-
22-27
GND
S
Ground
-
Notes:
1. I = Input, O = Output, S = Supply
2. The drive strength of standard GPIOs is 2mA, the drive strength of this GPIO is 16mA.
3. The FACTORY_RESET pin may be moved to a different GPIO, but it may not be de-assigned
4. Connected to SPI serial flash inside the module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com