Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 3 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 3 Page - Silicon Laboratories

  AMS002-R Datasheet HTML 1Page - Silicon Laboratories AMS002-R Datasheet HTML 2Page - Silicon Laboratories AMS002-R Datasheet HTML 3Page - Silicon Laboratories AMS002-R Datasheet HTML 4Page - Silicon Laboratories AMS002-R Datasheet HTML 5Page - Silicon Laboratories AMS002-R Datasheet HTML 6Page - Silicon Laboratories AMS002-R Datasheet HTML 7Page - Silicon Laboratories AMS002-R Datasheet HTML 8Page - Silicon Laboratories AMS002-R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS-MS00x-107R • Preliminary Data Sheet
Page | ii
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
AMS00x Family Data Sheet
Embedded Bluetooth Low Energy Solution
Features
 Bluetooth Low Energy (Bluetooth Smart) modules
fully certified to meet Bluetooth version 4.1.
 Integrated 8 Mbit SPI-serial flash supports firm-
ware updates and multiple on-board applications
 On-board PCB-style antenna
 ARM® Cortex™ M3-based microprocessor core
 Adaptive Frequency Hopping (AFH)
 Programmable RF transmit power control
 Operation directly from a battery or mains supply
 Small size enables integration into most sensor
products and applications
 Secure Over-the-Air (OTA) software update using
industry-standard AES-128 security
 Easily integrated into existing or new products us-
ing TruConnect, ACKme’s configurable Bluetooth
Low Energy application (pre-installed on every
module)
 Multiple services including ACKme TruConnect,
Beacon, iBeacon, plus more …
Interfaces*
 A/D converter: 7 channels with 4 modes providing
variable resolution (10-13 ENOBs), sampling rate
(5.9-187 kHz) and conversion latency (5-171 µs)
 USART: 1 x 4-wire up to 1.5 Mbit/s for general use,
1 x 2-wire for in-circuit programming
 SPI: 1 x master, 1 x slave at ≤12 Mbit/s
 I2C: 1 x I2C master interface up to 1 MHz
 GPIO: Up to 12 GPIOs (overlaid with peripherals),
programmable pull-up/pull-down resistors with
16 mA drive strength at 3.3V (2 mA standard).
 4 x PWM channels each with a 10-bit counter
clocked at 128 kHz.
 Wake-up: Wake from GPIO for ultra-low power
operation.
*Some interfaces share module pins
Operational & Radio
 Operational voltage : 1.8V - 3.6V
 Operational Temperature Range: -30°C to +85°C
 Size : 17.6 x 11.4 x 2.4mm (0.70” x 0.45” x 0.10”)
 Weight : 0.04 oz (1.2g)
 Current consumption @ 3.0V, 25°C
-
Deep Sleep : 1.65µA (typ.)
-
Sleep : 12 µA
-
AMS001
 Active Receive : 12.8 mA
 Active Transmit : 10.8 mA
-
AMS002
 Active Receive : 26.6 mA
 Active Transmit : 22.0 mA
 RF Transmit Power: +4 dBm (max.)
 Receive Sensitivity : -94 dBm
Applications
 Health & Fitness
-
Fitness Equipment
-
Heart rate monitors
-
Weight scales
-
Thermometers
-
Pedometers
-
Glucose meters
-
Blood pressure monitoring
 Retail
-
Advertising and Beaconing
-
Proximity detection
-
Point-of-sale
 Home & Industrial Control and Automation
-
Appliance control and monitoring
-
Doors/Window monitoring
-
Alarms
-
Wireless cable replacement
-
Environmental & Energy monitoring
-
Wireless sensing, remote data logging
 Consumer
-
Toys
-
Robots
Remote controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com