Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 26 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 21Page - Silicon Laboratories AMS002-R Datasheet HTML 22Page - Silicon Laboratories AMS002-R Datasheet HTML 23Page - Silicon Laboratories AMS002-R Datasheet HTML 24Page - Silicon Laboratories AMS002-R Datasheet HTML 25Page - Silicon Laboratories AMS002-R Datasheet HTML 26Page - Silicon Laboratories AMS002-R Datasheet HTML 27Page - Silicon Laboratories AMS002-R Datasheet HTML 28Page - Silicon Laboratories AMS002-R Datasheet HTML 29Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Packaging, Handling & Storage, RoHS, Section 8
ADS-MS00x-107R • Preliminary Data Sheet
Page | 22
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
8.3 Handling & Storage
CAUTION
MSL3 Sensitive Device!
AMS00x modules are moisture sensitive devices rated
at Moisture Sensitive Level 3 (MSL3) per IPC/JEDEC
J-STD-20.
After opening the moisture sealed storage bag, mod-
ules that will be subjected to reflow solder or other
high temperature processes must be:
1. mounted to a circuit board within 168 hours at
factory conditions (≤30°C and <60% RH)
OR
2. continuously stored per IPC/JEDEC J-STD-033
Modules that have been exposed to moisture and envi-
ronmental conditions exceeding packaging and storage
conditions MUST be baked before mounting according
to IPC/JEDEC J-STD-033.
Failure to meet packaging and storage conditions will
result in irreparable damage to modules during solder
reflow.
8.4 RoHS Directive
Each AMS00x module is produced
according to the RoHS (Restriction
of the use of certain Hazardous
Substances in electrical and electronic equipment) di-
rective and complies with the directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com