Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 16 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories AMS002-R Datasheet HTML 15Page - Silicon Laboratories AMS002-R Datasheet HTML 16Page - Silicon Laboratories AMS002-R Datasheet HTML 17Page - Silicon Laboratories AMS002-R Datasheet HTML 18Page - Silicon Laboratories AMS002-R Datasheet HTML 19Page - Silicon Laboratories AMS002-R Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Design Guidelines, Section 6
ADS-MS00x-107R • Preliminary Data Sheet
Page | 12
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
6.5 Application Examples
UART Application for Configuration and Streaming
Follow the schematic in Figure 6 to connect a host MCU UART to the User UART serial interface of the AMS00x mod-
ule. This application enables a host MCU to configure the module using command mode, and transfer data back and
forth to a remote device via the Bluetooth LE wireless interface using stream mode. UART hardware flow control is
not required, but is recommended for streaming continuous data.
Figure 6. Connecting a Host MCU to the AMS001/AMS002 User UART
Note: The 10K pullup resistor on pin 6 allows the module to go to sleep and stay asleep. It also enables sleep current
to be reduced to a typical value of 1.65uA. If pin 6 is not driven high the wake-up circuit may be highly sensitive to
small variations in capacitance or voltage on module pins. Module sleep current may also remain higher, at around
200uA.
6.6 Operation using TruConnect
The information in this section provides a very brief
overview of basic operation using TruConnect. For de-
tailed information, consult the TruConnect Reference
Guide available online at http://truconnect.ack.me
Bootup Configuration
At boot up, TruConnect attempts to load saved configu-
ration settings i.e. the saved state of TruConnect varia-
bles. There are three configuration sets that may be
loaded, depending on the state of the module. User
settings may be saved/changed as required, Factory
Settings may be saved only once, and Default settings
are hardcoded into the app at compile time and cannot
be changed. Configuration load at boot time occurs in
the following sequence:
1. User Settings. This configuration is set by a user and
saved by the TruConnect save command without
any supplied arguments. User configuration can be
changed at any time, and the configuration is delet-
ed when a factory reset is performed. If no user
configuration is present or it is corrupted then
TruConnect attempts to load the factory settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com