Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 12 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 8Page - Silicon Laboratories AMS002-R Datasheet HTML 9Page - Silicon Laboratories AMS002-R Datasheet HTML 10Page - Silicon Laboratories AMS002-R Datasheet HTML 11Page - Silicon Laboratories AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories AMS002-R Datasheet HTML 15Page - Silicon Laboratories AMS002-R Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Pinout and Signal Descriptions, Section 5
ADS-MS00x-107R • Preliminary Data Sheet
Page | 8
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
5 Pinout and Signal Descriptions
5.1 Pinout
A top view of the AMS00x pinout is depicted in Figure 2.
All dimensions are in thousands of an inch. A recom-
mended PCB footprint is provided in Section 6.1.
Figure 2. AMS00x Pinout (TOP View – Pins NOT visible from top!)
5.2 Pin Description
Table 11. AMS00x Pin Definitions
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
1
GND
S
Ground
-
2
PROG_RX
I
PROG RX
-
3
PROG_TX
O
PROG TX
-
4
GPIO_0
I/O
Reserved4
Not available as digital I/O. Reserved for future use as
SPI_MOSI, I2C_SDA
5
GPIO_1
I/O
Reserved4
Not available as digital I/O. Reserved for future use as
SPI_CLK, I2C_SCL
6
GPIO_2
I/O
USER TX
SPI_MOSI (Slave), ADC, GPIO
7
GPIO_3
I/O
USER_RTS
SPI_MISO (Slave), ADC. , GPIO
8
RESET_N
I
System Reset
-
9
GPIO_4
I/O
USER_CTS
SPI_CLK (Slave), GPIO
10
GPIO_5
I/O
USER_RX
SPI_CS (Slave), GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com