Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 24 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 20Page - Silicon Laboratories AMS002-R Datasheet HTML 21Page - Silicon Laboratories AMS002-R Datasheet HTML 22Page - Silicon Laboratories AMS002-R Datasheet HTML 23Page - Silicon Laboratories AMS002-R Datasheet HTML 24Page - Silicon Laboratories AMS002-R Datasheet HTML 25Page - Silicon Laboratories AMS002-R Datasheet HTML 26Page - Silicon Laboratories AMS002-R Datasheet HTML 27Page - Silicon Laboratories AMS002-R Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Packaging, Handling & Storage, RoHS, Section 8
ADS-MS00x-107R • Preliminary Data Sheet
Page | 20
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
8 Packaging, Handling & Storage, RoHS
8.1 Packaging
AMS00x modules are shipped in an ESD bag.
AMS00x modules are also available in reels each containing 1000 modules. Reels are shipped in an ESD and moisture
resistant sealed bag. The shelf life of the sealed bag is 12 months at 40°C and <90% Relative Humidity (RH). Please
refer to the bag seal date.
8.2 Tape and Reel Specifications
Figure 7 - Tape Specifications
Symbol
A0
B0
D0
E
F
K0
Specification (mm)
11.8 ± 0.10
18.1 ± 0.10
1.5 ± 0.10
1.75 ± 0.10
14.2 ± 0.10
2.70 ± 0.10
Symbol
P
P0
P2
T
W
Specification (mm)
20.0 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.05
32.0 ± 0.30
 Tape material : black PS material, in line with ROHS environmental management substances
 Tape thickness: 0.3 mm ± 0.05 mm
 Tape width: 32mm (1.3")
 Protection zone: black PS material
 Distance between chain hole centers within the range of ± 0.2 mm of cumulative error
 Anti-camber at 1 mm / 250 mm
 All dimensions in line with the requirements of EIA-481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com