Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS002-R Datasheet(PDF) 14 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 10Page - Silicon Laboratories AMS002-R Datasheet HTML 11Page - Silicon Laboratories AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories AMS002-R Datasheet HTML 15Page - Silicon Laboratories AMS002-R Datasheet HTML 16Page - Silicon Laboratories AMS002-R Datasheet HTML 17Page - Silicon Laboratories AMS002-R Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Design Guidelines, Section 6
ADS-MS00x-107R • Preliminary Data Sheet
Page | 10
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
6 Design Guidelines
6.1 Recommended PCB Footprint
All dimensions in Figure 3 are in thousands of an inch unless otherwise marked.
Figure 3. AMS00x Recommended Footprint (Top)
6.2 Routing Recommendations
When designing a carrier board, the addition of
ground fill directly underneath the module, rather
than signal or power traces, is strongly advised.
All ground pads adjacent to antenna pins must be
connected to a solid ground plane. Do not route
ANY metal or PCB traces underneath the printed
PCB-antenna!
Failure to comply with these recommendations will
almost certainly result in degraded performance of
the radio receiver and/or transmitter.
For optimal range, provide a clearance of 5mm
(0.2”) above, below and to the front and sides of the
antenna end of the module.
Avoid routing traces not connected to ground under the
vias in the shaded rectangle.
Measurements are in thousandths of an inch.
265
265
115
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com