Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 2Page - STMicroelectronics HVLED001A Datasheet HTML 3Page - STMicroelectronics HVLED001A Datasheet HTML 4Page - STMicroelectronics HVLED001A Datasheet HTML 5Page - STMicroelectronics HVLED001A Datasheet HTML 6Page - STMicroelectronics HVLED001A Datasheet HTML 7Page - STMicroelectronics HVLED001A Datasheet HTML 8Page - STMicroelectronics HVLED001A Datasheet HTML 9Page - STMicroelectronics HVLED001A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Pin settings
HVLED001A
6/30
DocID029000 Rev 2
3
Pin settings
Figure 3. Pin connection
Table 2. Pin description
Symbol Pin
Description
HVSU
1
High voltage startup and input voltage detection.
The pin, able to withstand 800 V, is intended to be tied to the input voltage using a low value resistor
(1 k
 typ.) . It embeds the internal startup unit that charges the capacitor connected between the
VCC pin and GND pin during the startup and low consumption.
During the operational mode, the voltage at this pin is used to both - measure the input voltage and
detect input overvoltages.
N.C.
2
Not connected pin.
TOFF
3
A blanking time for zero voltage detection can be set applying a voltage to this pin. A minimum
blanking time is obtained leaving the pin unconnected.
FB
4
Input for loop regulation.
The pin is intended to be directly driven by the phototransistor (emitter-grounded) of an optocoupler
and/or to be connected to the compensation network related to the output voltage primary side
regulation loop.
An upper threshold VOFP detects a failure of the optocoupler.
The burst mode is also related to the voltage applied to this pin.
CTRL
5
This pin is used to disable the IC and generate the soft-start ramp.
External active circuitry can be used to turn-off the application.
ZCD
6
Multiple function pin able to detect the zero current instant, to sense the output voltage for the
primary side regulation and the input voltage for brownout detection. A negative-going edge triggers
the MOSFET's turn-on, while an internal starter unit is active to generate the triggering signal when
not externally available (e.g.: startup).
CS
7
Input to the current sense comparator for the power regulation. A second level overcurrent (OCP)
threshold detects abnormal currents (e.g.: due to transformer's saturation) and, on this occurrence,
activates the second level overcurrent protection procedure.
GND
8
Reference pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com