Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 24 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 20Page - STMicroelectronics HVLED001A Datasheet HTML 21Page - STMicroelectronics HVLED001A Datasheet HTML 22Page - STMicroelectronics HVLED001A Datasheet HTML 23Page - STMicroelectronics HVLED001A Datasheet HTML 24Page - STMicroelectronics HVLED001A Datasheet HTML 25Page - STMicroelectronics HVLED001A Datasheet HTML 26Page - STMicroelectronics HVLED001A Datasheet HTML 27Page - STMicroelectronics HVLED001A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Application information
HVLED001A
24/30
DocID029000 Rev 2
7.3.2
High voltage startup
The high voltage startup (HVSU) circuitry is primarily intended to provide the startup current
to the VCC pin and maintain the IC responsive during low consumption modes.
This structure is able to sustain at least 800 V to avoid any damage in case of a surge or
burst on the stage's input.
The overall structure is off until input voltage reaches the VHVSU,start threshold, after that it
sources a minimum current (Icharge,su) to charge the VCC pin up to the Vcc,su threshold.
This condition prevents the IC from severe damages in case of the short-circuit on the VCC
pin.
At this VCC voltage a higher current (Icharge) is provided to the VCC to reach the VCC,on
threshold. At this occurrence the active mode is invoked and the HVSU is turned off.
During other active mode's phases and the stop mode the HVSU is off.
If the low consumption mode is entered, the HVSU unit is turned on.
Table 7 summarizes the HVSU behavior in all IC conditions.
7.4
Auto-restart timer (ART)
The auto-restart timer unit is responsible for the generation of the protection intervals and of
the restart times after the low consumption mode. A summary of all possible combinations
of times is described in Section 7.5.
Table 7. HVSU operating modes
Operating condition (see Figure 7)
VCC range
OFF Icharge,su Icharge
All states if VIN < VHVSU,ON
-
X
Startup (logic startup)
0 V … Vcc,su
X
Startup (IC startup)
Vcc,su … Vcc,on
X
Active mode
Vcc,su … VCC,MAX
X
Stop mode
Vcc,su … VCC,MAX
X
Low consumption mode
Vcc,su Vcc,on (rising)
X
Low consumption mode
(after the end of entering conditions)
Vcc,su … Vcc,on
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com