Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 18Page - STMicroelectronics HVLED001A Datasheet HTML 19Page - STMicroelectronics HVLED001A Datasheet HTML 20Page - STMicroelectronics HVLED001A Datasheet HTML 21Page - STMicroelectronics HVLED001A Datasheet HTML 22Page - STMicroelectronics HVLED001A Datasheet HTML 23Page - STMicroelectronics HVLED001A Datasheet HTML 24Page - STMicroelectronics HVLED001A Datasheet HTML 25Page - STMicroelectronics HVLED001A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application information
HVLED001A
22/30
DocID029000 Rev 2
7.2.4
Primary side regulation feature
The ZCD pin is also used as input of the PSR error amplifier (E/A). The reference voltage of
this loop is internally fixed to VREF,PSR and applied to the non-inverting input of the E/A.
The output of such error amplifier is connected to the FB pin where the relevant
compensation network has to be connected.
In a flyback or buck-boost topology the output voltage can be read from the primary side
using an auxiliary winding of the power magnetic: in this case the output voltage is obtained
using Equation 2:
Equation 2
The internal small signal model of the PSR E/A is obtained by considering the voltage gain
(GV = 73 dB) and the gain bandwidth product (GBWP = 1 MHz) and is illustrated in
Figure 10:
Figure 10. PSR E/A small signal model
7.2.5
Burst mode operation
As soon as the FB pin drops below Vbm the burst mode operating mode is entered. The
switching activity is temporarily interrupted until the FB voltage returns above the Vbm
value. An internal hysteresis improves the noise rejection of this feature. The FB biasing
current follows the same rules as in the normal operation; therefore the burst mode
operation is either defined by a secondary side error amplifier when an optocoupler is used
or by the internal error amplifier if the PSR operation is on.
During the burst mode, the output voltage value is refreshed every millisecond by means of
the generation of four switching pulses separated by the ZCD voltage's falling edge. The
TBLANK,min interval is also present between each pulse.
A minimum power delivery is associated with the burst mode. A small preloading device
(resistor or clamping Zener) should be placed on the output port to prevent the output
voltage runaway when no load is connected to the output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com