Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 10 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 6Page - STMicroelectronics HVLED001A Datasheet HTML 7Page - STMicroelectronics HVLED001A Datasheet HTML 8Page - STMicroelectronics HVLED001A Datasheet HTML 9Page - STMicroelectronics HVLED001A Datasheet HTML 10Page - STMicroelectronics HVLED001A Datasheet HTML 11Page - STMicroelectronics HVLED001A Datasheet HTML 12Page - STMicroelectronics HVLED001A Datasheet HTML 13Page - STMicroelectronics HVLED001A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
HVLED001A
10/30
DocID029000 Rev 2
5
Electrical characteristics
Tj = 40 °C to 125 °C, 25 °C production tested, VCC = 15 V, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit
Supply voltage
Vcc,on
VCC Turn-on threshold
(1)
11.8
13
14.2
V
Vcc,su
VCC
Low consumption mode
activation
Low consumption mode(1)
8.8
9.2
9.7
V
Startup
2.2
3
3.8
V
Vcc,shd
VCC VCC for IC reset
Low consumption(1)
7.8
8.5
9.2
V
Supply current
Istart-up
VCC Startup current
Startup, Vcc < Vcc,on
125
250
A
ICC
VCC
Operating supply
current
No switching(2)
3.15
mA
See Figure 4 on page 14
Iq
VCC Quiescent current
Low consumption mode,
CTRL < VCTRL,dis
330
480
A
High-voltage startup generator
VHV
HVSU Breakdown voltage
IHV < 100
A
800
V
VHVstart
HVSU Start voltage
IVcc < 100
A
40
46
55
V
Icharge,su
VCC Initial charging current
VHVSU > VHvstart, Vcc < 2 V
0.25
0.43
0.8
mA
Icharge
VCC VCC charge current
VHVSU > VHvstart,
Startup, VCC < Vcc,on
23.4
5
mA
IHV, ON
HVSU ON-state current
VHVSU > VHvstart, Vcc < 2 V
0.3
0.65
1.1
mA
VHVSU > VHvstart, startup,
Vcc < Vcc,on
2.3
4
6
IHV, OFF
HVSU
OFF-state leakage
current
VHVSU = 400 V, active mode
18
30
A
Input voltage sensing
Vsurge
HVSU
Surge protection
threshold
500
570
620
V
Tsurge
HVSU
Max. stop state duration
after surge
VHVSU > Vsurge(3)
710
15
ms
Feedback input
VFB,ref
FB
FB reference voltage
Active mode(4), (5), (6)
1V
kp
FB
Multiplier gain
Active mode, VFB = 2.8 V,
VHVSU = 300 V(6)
0.35
0.4
0.46
-
IFBsrc
FB
FB pin pull-up current
Active mode, VZCD,off = 2.0 V,
VFB = 1.65 V
0.67
1
1.35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com