Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 3Page - STMicroelectronics HVLED001A Datasheet HTML 4Page - STMicroelectronics HVLED001A Datasheet HTML 5Page - STMicroelectronics HVLED001A Datasheet HTML 6Page - STMicroelectronics HVLED001A Datasheet HTML 7Page - STMicroelectronics HVLED001A Datasheet HTML 8Page - STMicroelectronics HVLED001A Datasheet HTML 9Page - STMicroelectronics HVLED001A Datasheet HTML 10Page - STMicroelectronics HVLED001A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID029000 Rev 2
7/30
HVLED001A
Pin settings
30
GD
9
Gate driver output. The output stage is able to drive the power MOSFET's and IGBT's gate.
VCC
10
Supply voltage of the IC.
Internal UVLO logic prevents the operation at voltages that are insufficient for the efficient gate
driving or signal processing. Both a bulk capacitor (typically around 10 µF) and a high frequency
filter capacitor (100 nF ceramic, mounted as close as possible to the device) are connected between
this pin and GND. An internal clamp structure prevents accidental low energy spikes damaging the
device. An external clamping device should be used to avoid the voltage applied to the VCC pin to
overcome the AMR.
Table 2. Pin description (continued)
Symbol Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com